Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS76024AB-12 Datasheet(PDF) 5 Page - GSI Technology

Part # GS76024AB-12
Description  256K x 24 6Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS76024AB-12 Datasheet(HTML) 5 Page - GSI Technology

  GS76024AB-12 Datasheet HTML 1Page - GSI Technology GS76024AB-12 Datasheet HTML 2Page - GSI Technology GS76024AB-12 Datasheet HTML 3Page - GSI Technology GS76024AB-12 Datasheet HTML 4Page - GSI Technology GS76024AB-12 Datasheet HTML 5Page - GSI Technology GS76024AB-12 Datasheet HTML 6Page - GSI Technology GS76024AB-12 Datasheet HTML 7Page - GSI Technology GS76024AB-12 Datasheet HTML 8Page - GSI Technology GS76024AB-12 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DQ
VT = 1.4 V
50
30pF1
DQ
3.3 V
Output Load 1
Output Load 2
589
434
5pF1
Notes:
1. Includes scope and jig capacitance.
2. Test conditions as specified with output loading as shown in Fig. 1
unless otherwise noted
3. Output load 2 for tLZ, tHZ, tOLZ and tOHZ.
Parameter
Conditions
Input high level
VIH = 2.4 V
Input low level
VIL = 0.4 V
Input rise time
tr = 1 V/ns
Input fall time
tf = 1 V/ns
Input reference level
1.4 V
Output reference level
1.4 V
Output load
Fig. 1& 2
GS76024AB
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 12/2005
5/12
© 2003, GSI Technology
AC Test Conditions
Power Supply Currents
Parameter
Symbol
Test Conditions
0 to 70°C
–40 to 85°C
8 ns
10 ns
12 ns
8 ns
10 ns
12 ns
Operating
Supply
Current
IDD
CE
≤ VIL
All other inputs
≥ VIH or ≤ VIL
Min. cycle time
IOUT = 0 mA
260 mA
210 mA
180 mA
280 mA
230 mA
200 mA
Standby
Current
ISB1
CE
≥ VIH
All other inputs
≥ VIH or ≤VIL
Min. cycle time
60 mA
50 mA
50 mA
80 mA
70 mA
70 mA
Standby
Current
ISB2
CE
≥ VDD - 0.2V
All other inputs
≥ VDD - 0.2V or ≤ 0.2V
20 mA
40 mA


Similar Part No. - GS76024AB-12

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
GS76024B-10 GSI-GS76024B-10 Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
GS76024B-10I GSI-GS76024B-10I Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
GS76024B-12 GSI-GS76024B-12 Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
GS76024B-12I GSI-GS76024B-12I Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
More results

Similar Description - GS76024AB-12

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
GSI Technology
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132AB GSI-GS78132AB Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS72108TP-10 GSI-GS72108TP-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com