Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8342T18E-250I Datasheet(PDF) 11 Page - GSI Technology

Part # GS8342T18E-250I
Description  36Mb SigmaCIO DDR-II Burst of 2 SRAM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8342T18E-250I Datasheet(HTML) 11 Page - GSI Technology

Back Button GS8342T18E-250I Datasheet HTML 7Page - GSI Technology GS8342T18E-250I Datasheet HTML 8Page - GSI Technology GS8342T18E-250I Datasheet HTML 9Page - GSI Technology GS8342T18E-250I Datasheet HTML 10Page - GSI Technology GS8342T18E-250I Datasheet HTML 11Page - GSI Technology GS8342T18E-250I Datasheet HTML 12Page - GSI Technology GS8342T18E-250I Datasheet HTML 13Page - GSI Technology GS8342T18E-250I Datasheet HTML 14Page - GSI Technology GS8342T18E-250I Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Kn
LD
R/W
DQ
Operation
A + 0
A + 1
1
X
Hi-Z
Hi-Z
Deselect
0
0
D@Kn+1
D@Kn+1
Write
0
1
Q@Kn+1
or
Cn+1
Q@Kn+2
or
Cn+2
Read
Note: Q is controlled by K clocks if C clocks are not used.
Preliminary
GS8342T08/09/18/36E-333/300/267*/250/200/167
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 8/2005
11/37
© 2003, GSI Technology
Common I/O SigmaCIO DDR-II B2 SRAM Truth Table
B2 Byte Write Clock Truth Table
BW
BW
Current Operation
D
D
K
(tn+1)
K
(tn+2)
K
(tn)
K
(tn+1)
K
(tn+2)
T
T
Write
Dx stored if BWn = 0 in both data transfers
D1
D2
T
F
Write
Dx stored if BWn = 0 in 1st data transfer only
D1
X
F
T
Write
Dx stored if BWn = 0 in 2nd data transfer only
X
D2
F
F
Write Abort
No Dx stored in either data transfer
X
X
Notes:
1. “1” = input “high”; “0” = input “low”; “X” = input “don’t care”; “T” = input “true”; “F” = input “false”.
2. If one or more BWn = 0, then BW = “T”, else BW = “F”.


Similar Part No. - GS8342T18E-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342T08 GSI-GS8342T08 Datasheet
494Kb / 35P
   36Mb SigmaDDR-IITM Burst of 2 SRAM
GS8342TT07BD-300 GSI-GS8342TT07BD-300 Datasheet
363Kb / 31P
   36Mb SigmaDDR-IITM Burst of 2 SRAM
GS8342TT07BD-300I GSI-GS8342TT07BD-300I Datasheet
363Kb / 31P
   36Mb SigmaDDR-IITM Burst of 2 SRAM
GS8342TT07BD-333 GSI-GS8342TT07BD-333 Datasheet
363Kb / 31P
   36Mb SigmaDDR-IITM Burst of 2 SRAM
GS8342TT07BD-333I GSI-GS8342TT07BD-333I Datasheet
363Kb / 31P
   36Mb SigmaDDR-IITM Burst of 2 SRAM
More results

Similar Description - GS8342T18E-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8342R08E GSI-GS8342R08E Datasheet
1Mb / 37P
   36Mb SigmaCIO DDR-II Burst of 4 SRAM
GS8662T08E GSI-GS8662T08E Datasheet
1Mb / 37P
   72Mb SigmaCIO DDR-II Burst of 2 SRAM
GS8342S08E GSI-GS8342S08E Datasheet
1Mb / 39P
   36Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8662R08E GSI-GS8662R08E Datasheet
1Mb / 37P
   72Mb SigmaCIO DDR-II Burst of 4 SRAM
GS8342S08 GSI-GS8342S08 Datasheet
502Kb / 35P
   36Mb SigmaSIO DDR-IITM Burst of 2 SRAM
GS8342Q07 GSI-GS8342Q07 Datasheet
407Kb / 28P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342QT19BGD-300I GSI-GS8342QT19BGD-300I Datasheet
503Kb / 29P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
8342QT07101937B GSI-8342QT07101937B Datasheet
503Kb / 29P
   36Mb SigmaQuad-II TM Burst of 2 SRAM
GS8342QT07BD-250I GSI-GS8342QT07BD-250I Datasheet
503Kb / 29P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
GS8342Q07BGD-250I GSI-GS8342Q07BGD-250I Datasheet
502Kb / 28P
   36Mb SigmaQuad-IITM Burst of 2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com