Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS78116B-10I Datasheet(PDF) 9 Page - GSI Technology

Part # GS78116B-10I
Description  512K x 16 8Mb Asynchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS78116B-10I Datasheet(HTML) 9 Page - GSI Technology

Back Button GS78116B-10I Datasheet HTML 3Page - GSI Technology GS78116B-10I Datasheet HTML 4Page - GSI Technology GS78116B-10I Datasheet HTML 5Page - GSI Technology GS78116B-10I Datasheet HTML 6Page - GSI Technology GS78116B-10I Datasheet HTML 7Page - GSI Technology GS78116B-10I Datasheet HTML 8Page - GSI Technology GS78116B-10I Datasheet HTML 9Page - GSI Technology GS78116B-10I Datasheet HTML 10Page - GSI Technology GS78116B-10I Datasheet HTML 11Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Rev: 1.02 9/2001
9/11
© 1999, Giga Semiconductor, Inc.
For latest documentation see http://www.gsitechnology.com.
GS78116B
Package Dimensions - 119-Pin PBGA
BPR 1999.05.18
N
P
A
B
Pin 1
Corner
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
G
S
D
1
2
3
4
5
6
7
Package Dimensions - 119 Pin PBGA
Unit: mm
Symbol
Description
Min. Nom. Max
A
Width
13.8
14.0
14.2
B
Length
21.8
22.0
22.2
C
Package Height (including ball)
2.40
D
Ball Size
0.60
0.75
0.90
E
Ball Height
0.50
0.60
0.70
F
Package Height (excluding balls)
1.46
1.70
G
Width between Balls
1.27
K
Package Height above board
0.80
0.90
1.00
N
Cut-out Package Width
12.00
P
Foot Length
19.50
R
Width of package between balls
7.62
S
Length of package between balls
20.32
T
Variance of Ball Height
0.15
Bottom View
R
Top View
Side View


Similar Part No. - GS78116B-10I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78116AB GSI-GS78116AB Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116AB-10 GSI-GS78116AB-10 Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116AB-10I GSI-GS78116AB-10I Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116AB-12 GSI-GS78116AB-12 Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116AB-12I GSI-GS78116AB-12I Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
More results

Similar Description - GS78116B-10I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78116AB GSI-GS78116AB Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
GSI Technology
GS78108AB GSI-GS78108AB Datasheet
642Kb / 11P
   1M x 8 8Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L63W2A ONSEMI-N08L63W2A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
July 2008 - Rev. 8
logo
GSI Technology
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132AB GSI-GS78132AB Datasheet
684Kb / 12P
   256K x 32 8Mb Asynchronous SRAM
logo
AMI SEMICONDUCTOR
N08M1618L1A AMI-N08M1618L1A Datasheet
195Kb / 11P
   8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512K 횞 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com