Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS78132AB-10I Datasheet(PDF) 6 Page - GSI Technology

Part # GS78132AB-10I
Description  256K x 32 8Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS78132AB-10I Datasheet(HTML) 6 Page - GSI Technology

Back Button GS78132AB-10I Datasheet HTML 2Page - GSI Technology GS78132AB-10I Datasheet HTML 3Page - GSI Technology GS78132AB-10I Datasheet HTML 4Page - GSI Technology GS78132AB-10I Datasheet HTML 5Page - GSI Technology GS78132AB-10I Datasheet HTML 6Page - GSI Technology GS78132AB-10I Datasheet HTML 7Page - GSI Technology GS78132AB-10I Datasheet HTML 8Page - GSI Technology GS78132AB-10I Datasheet HTML 9Page - GSI Technology GS78132AB-10I Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
GS78132AB
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 5/2006
6/12
© 2003, GSI Technology
AC Characteristics
Read Cycle
Parameter
Symbol
-8
-10
-12
Unit
Min
Max
Min
Max
Min
Max
Read cycle time
t
8
10
12
ns
Address access time
t
8
10
12
ns
Chip enable access time (CE)
t
8
10
12
ns
Output enable to output valid (OE)
t
3.5
4
5
ns
Output hold from address change
t
3
3
3
ns
Chip enable to output in low Z (CE)
t *
3
3
3
ns
Output enable to output in low Z (OE)
t *
0
0
0
ns
Chip disable to output in High Z (CE)
t *
4
5
6
ns
Output disable to output in High Z (OE)
t
*
3.5
4
5
ns
tAA
tOH
tRC
Address
Data Out
Previous Data
Data valid
Read Cycle 1:CE = OE = VIL , WE = VIH, BA = BB = BC = BD = VIL
RC
AA
AC
OE
OH
LZ
OLZ
HZ
OHZ


Similar Part No. - GS78132AB-10I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132B-10 GSI-GS78132B-10 Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132B-10I GSI-GS78132B-10I Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132B-12 GSI-GS78132B-12 Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78132B-12I GSI-GS78132B-12I Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
More results

Similar Description - GS78132AB-10I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
GS78108AB GSI-GS78108AB Datasheet
642Kb / 11P
   1M x 8 8Mb Asynchronous SRAM
GS78116AB GSI-GS78116AB Datasheet
643Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
logo
Micron Technology
MT58L256V36F MICRON-MT58L256V36F Datasheet
475Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS72108ATP ETC1-GS72108ATP Datasheet
317Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com