Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS74108AJ-12 Datasheet(PDF) 11 Page - GSI Technology

Part # GS74108AJ-12
Description  512K x 8 4Mb Asynchronous SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74108AJ-12 Datasheet(HTML) 11 Page - GSI Technology

Back Button GS74108AJ-12 Datasheet HTML 5Page - GSI Technology GS74108AJ-12 Datasheet HTML 6Page - GSI Technology GS74108AJ-12 Datasheet HTML 7Page - GSI Technology GS74108AJ-12 Datasheet HTML 8Page - GSI Technology GS74108AJ-12 Datasheet HTML 9Page - GSI Technology GS74108AJ-12 Datasheet HTML 10Page - GSI Technology GS74108AJ-12 Datasheet HTML 11Page - GSI Technology GS74108AJ-12 Datasheet HTML 12Page - GSI Technology GS74108AJ-12 Datasheet HTML 13Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
GS74108ATP/J/X
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.07 1/2006
11/13
© 2001, Giga Semiconductor, Inc.
Ordering Information
Part Number1
Package2
Access Time
Temp. Range
Status3
GS74108ATP-8
400 mil TSOP-II
8 ns
Commercial
MP
GS74108ATP-10
400 mil TSOP-II
10 ns
Commercial
MP
GS74108ATP-12
400 mil TSOP-II
12 ns
Commercial
MP
GS74108ATP-8I
400 mil TSOP-II
8 ns
Industrial
MP
GS74108ATP-10I
400 mil TSOP-II
10 ns
Industrial
MP
GS74108ATP-12I
400 mil TSOP-II
12 ns
Industrial
MP
GS74108AGP-8
RoHS-compliant 400 mil TSOP-II
8 ns
Commercial
PQ
GS74108AGP-10
RoHS-compliant 400 mil TSOP-II
10 ns
Commercial
PQ
GS74108AGP-12
RoHS-compliant 400 mil TSOP-II
12 ns
Commercial
PQ
GS74108AGP-8I
RoHS-compliant 400 mil TSOP-II
8 ns
Industrial
PQ
GS74108AGP-10I
RoHS-compliant 400 mil TSOP-II
10 ns
Industrial
PQ
GS74108AGP-12I
RoHS-compliant 400 mil TSOP-II
12 ns
Industrial
PQ
GS74108AJ-8
400 mil SOJ
8 ns
Commercial
MP
GS74108AJ-10
400 mil SOJ
10 ns
Commercial
MP
GS74108AJ-12
400 mil SOJ
12 ns
Commercial
MP
GS74108AJ-8I
400 mil SOJ
8 ns
Industrial
MP
GS74108AJ-10I
400 mil SOJ
10 ns
Industrial
MP
GS74108AJ-12I
400 mil SOJ
12 ns
Industrial
MP
GS74108AGJ-8
RoHS-compliant 400 mil SOJ
8 ns
Commercial
PQ
GS74108AGJ-10
RoHS-compliant 400 mil SOJ
10 ns
Commercial
PQ
GS74108AGJ-12
RoHS-compliant 400 mil SOJ
12 ns
Commercial
PQ
GS74108AGJ-8I
RoHS-compliant 400 mil SOJ
8 ns
Industrial
PQ
GS74108AGJ-10I
RoHS-compliant 400 mil SOJ
10 ns
Industrial
PQ
GS74108AGJ-12I
RoHS-compliant 400 mil SOJ
12 ns
Industrial
PQ
GS74108AX-8
6 mm x 10 mm FPBGA
8 ns
Commercial
MP
GS74108AX-10
6 mm x 10 mm FPBGA
10 ns
Commercial
MP
GS74108AX-12
6 mm x 10 mm FPBGA
12 ns
Commercial
MP
GS74108AX-8I
6 mm x 10 mm FPBGA
8 ns
Industrial
MP
GS74108AX-10I
6 mm x 10 mm FPBGA
10 ns
Industrial
MP


Similar Part No. - GS74108AJ-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS74108J ETC-GS74108J Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
GS74108J-10 ETC-GS74108J-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
GS74108J-10I ETC-GS74108J-10I Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
GS74108J-12 ETC-GS74108J-12 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
GS74108J-12I ETC-GS74108J-12I Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
More results

Similar Description - GS74108AJ-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
logo
GSI Technology
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS78116B GSI-GS78116B Datasheet
415Kb / 11P
   512K x 16 8Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com