Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT377PWADH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ABT377PWADH
Description  Octal D-type flip-flop with enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT377PWADH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ABT377PWADH Datasheet HTML 2Page - NXP Semiconductors 74ABT377PWADH Datasheet HTML 3Page - NXP Semiconductors 74ABT377PWADH Datasheet HTML 4Page - NXP Semiconductors 74ABT377PWADH Datasheet HTML 5Page - NXP Semiconductors 74ABT377PWADH Datasheet HTML 6Page - NXP Semiconductors 74ABT377PWADH Datasheet HTML 7Page - NXP Semiconductors 74ABT377PWADH Datasheet HTML 8Page - NXP Semiconductors 74ABT377PWADH Datasheet HTML 9Page - NXP Semiconductors 74ABT377PWADH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74ABT377A
Octal D-type flip-flop with enable
1997 Feb 26
6
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to +85oC
VCC = +5.0V +0.5V
UNIT
MIN
TYP
MIN
ts(H)
ts(L)
Setup time, High or Low
Dn to CP
2
1.5
1.5
0.7
0.5
1.5
1.5
ns
th(H)
th(L)
Hold time, High or Low
Dn to CP
2
1.0
1.0
–0.4
–0.6
1.0
1.0
ns
ts(H)
ts(L)
Setup time, High or Low
E to CP
2
2.0
2.0
1.1
1.0
2.0
2.0
ns
th(H)
th(L)
Hold time, High or Low
E to CP
2
1.0
1.0
–0.9
–0.1
1.0
1.0
ns
tw(H)
tw(L)
Clock Pulse width
High or Low
1
1.5
2.0
0.7
1.0
1.5
2.0
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
VM
tPLH
tPHL
VM
VM
VM
CP
Qn
1/fMAX
tW(H)
tW(L)
SA00159
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width and Maximum Clock Frequency
CP
VM VM
VM
VM
VM
ts(L)
E
th(L)
th(H)
ts(H)
Dn
VM
ts
th
VM
VM
SA00160
NOTE: The shaded areas indicate when the input is permitted to change for predict-
able output performance.
Waveform 2. Data and Enable Setup and Hold Times


Similar Part No. - 74ABT377PWADH

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT377 FAIRCHILD-74ABT377 Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377CMSA FAIRCHILD-74ABT377CMSA Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377CMTC FAIRCHILD-74ABT377CMTC Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377CSC FAIRCHILD-74ABT377CSC Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377CSJ FAIRCHILD-74ABT377CSJ Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
More results

Similar Description - 74ABT377PWADH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AC11377 PHILIPS-74AC11377 Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
74F377A PHILIPS-74F377A Datasheet
84Kb / 10P
   Octal D-type flip-flop with enable
1996 Mar 12
logo
Texas Instruments
74AC11377 TI1-74AC11377_10 Datasheet
107Kb / 8P
[Old version datasheet]   OCTAL D TYPE FLIP FLOP WITH ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
Texas Instruments
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com