Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS84118AB-100I Datasheet(PDF) 2 Page - GSI Technology

Part # GS84118AB-100I
Description  256K x 18 Sync Cache Tag
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS84118AB-100I Datasheet(HTML) 2 Page - GSI Technology

  GS84118AB-100I Datasheet HTML 1Page - GSI Technology GS84118AB-100I Datasheet HTML 2Page - GSI Technology GS84118AB-100I Datasheet HTML 3Page - GSI Technology GS84118AB-100I Datasheet HTML 4Page - GSI Technology GS84118AB-100I Datasheet HTML 5Page - GSI Technology GS84118AB-100I Datasheet HTML 6Page - GSI Technology GS84118AB-100I Datasheet HTML 7Page - GSI Technology GS84118AB-100I Datasheet HTML 8Page - GSI Technology GS84118AB-100I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
GS84118AT/B-166/150/130/100
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02 4/2005
2/20
© 2001, GSI Technology
Pin Configuration
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
VDDQ
VSS
DQ
DQ
VSS
VDDQ
DQ
DQ
VDD
NC
VSS
DQ
DQ
VDDQ
VSS
DQ
DQ
DQP
VSS
VDDQ
VDDQ
VSS
DQ
DQ
VSS
VDDQ
DQ
DQ
VSS
NC
VDD
ZZ
DQ
DQ
VDDQ
VSS
DQ
DQ
VSS
VDDQ
256K x 18
Top View
DQP
A
NC
NC
NC
NC
NC
DE
MATCH
MOE
NC
NC
NC
NC
NC
NC
NC
NC
NC
10099 989796959493929190898887868584838281
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
FT


Similar Part No. - GS84118AB-100I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS84118B-100 GSI-GS84118B-100 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
GS84118B-100I GSI-GS84118B-100I Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
GS84118B-133 GSI-GS84118B-133 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
GS84118B-150 GSI-GS84118B-150 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
GS84118B-150I GSI-GS84118B-150I Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
More results

Similar Description - GS84118AB-100I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS841E18AT GSI-GS841E18AT Datasheet
600Kb / 21P
   256K x 18 Sync Cache Tag
GS84118T-166 GSI-GS84118T-166 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
logo
Cypress Semiconductor
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com