Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS82032AGT-166I Datasheet(PDF) 9 Page - GSI Technology

Part # GS82032AGT-166I
Description  64K x 32 2Mb Synchronous Burst SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS82032AGT-166I Datasheet(HTML) 9 Page - GSI Technology

Back Button GS82032AGT-166I Datasheet HTML 5Page - GSI Technology GS82032AGT-166I Datasheet HTML 6Page - GSI Technology GS82032AGT-166I Datasheet HTML 7Page - GSI Technology GS82032AGT-166I Datasheet HTML 8Page - GSI Technology GS82032AGT-166I Datasheet HTML 9Page - GSI Technology GS82032AGT-166I Datasheet HTML 10Page - GSI Technology GS82032AGT-166I Datasheet HTML 11Page - GSI Technology GS82032AGT-166I Datasheet HTML 12Page - GSI Technology GS82032AGT-166I Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
GS82032AT-180/166/150/133/100/66/4/5/6
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.12 10/2004
9/22
© 2000, GSI Technology
Simplified State Diagram with G
First Write
First Read
Burst Write
Burst Read
Deselect
R
W
CR
CW
X
X
WR
R
W
R
X
X
X
CR
R
CW
CR
CR
W
CW
W
CW
Notes:
1. The diagram shows supported (tested) synchronous state transitions, plus supported transitions that depend upon the use of G.
2. Use of “Dummy Reads” (Read Cycles with G high) may be used to make the transition from Read cycles to Write cycles without passing
through a Deselect cycle. Dummy Read cycles increment the address counter just like normal Read cycles.
3. Transitions shown in gray assume G has been pulsed high long enough to turn the RAM’s drivers off and for incoming data to meet Data
Input Set Up Time.


Similar Part No. - GS82032AGT-166I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS82032A ETC1-GS82032A Datasheet
345Kb / 23P
   2M Synchronous Burst SRAM
logo
GSI Technology
GS82032AQ-133 GSI-GS82032AQ-133 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032AQ-133I GSI-GS82032AQ-133I Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032AQ-166 GSI-GS82032AQ-166 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032AQ-166I GSI-GS82032AQ-166I Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
More results

Similar Description - GS82032AGT-166I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
GSI Technology
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com