Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS88136T-66 Datasheet(PDF) 7 Page - GSI Technology

Part # GS88136T-66
Description  512K x 18, 256K x 36 ByteSafe??8Mb Sync Burst SRAMs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS88136T-66 Datasheet(HTML) 7 Page - GSI Technology

Back Button GS88136T-66 Datasheet HTML 3Page - GSI Technology GS88136T-66 Datasheet HTML 4Page - GSI Technology GS88136T-66 Datasheet HTML 5Page - GSI Technology GS88136T-66 Datasheet HTML 6Page - GSI Technology GS88136T-66 Datasheet HTML 7Page - GSI Technology GS88136T-66 Datasheet HTML 8Page - GSI Technology GS88136T-66 Datasheet HTML 9Page - GSI Technology GS88136T-66 Datasheet HTML 10Page - GSI Technology GS88136T-66 Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Rev: 1.11 9/2000
7/33
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS88118/36T-11/11.5/100/80/66
This SRAM includes a write data parity check that checks the validity of data coming into the RAM on write cycles. In Flow
Through mode, write data errors are reported in the cycle following the data input cycle. In Pipeline mode, write data errors are
reported one clock cycle later. (See Write Parity Error Output Timing Diagram.) The Data Parity Mode (DP) pin must be tied
high to set the RAM to check for even parity or low to check for odd parity. Read data parity is not checked by the RAM as data.
Validity is best established at the data’s destination. The Parity Error Output is an open drain output and drives low to indicate a
parity error. Multiple Parity Error Output pins may share a common pull-up resistor.
Write Parity Error Output Timing Diagram
BPR 1999.05.18
Mode Pin Functions
Mode Name
Pin Name
State
Function
Burst Order Control
LBO
L
Linear Burst
H or NC
Interleaved Burst
Output Register Control
FT
L
Flow Through
H or NC
Pipeline
Power Down Control
ZZ
L or NC
Active
H
Standby, IDD = ISB
ByteSafe Data Parity Control
DP
L
Check for Odd Parity
H or NC
Check for Even Parity
CK
D In A
D In B
D In C
D In D
D In E
tKQ
tLZ
DQ
QE
tKQ
tLZ
DQ
QE
D In A
D In B
D In C
D In D
D In E
Err A
Err A
Err C
Err C
tHZ
tKQX
tHZ
tKQX


Similar Part No. - GS88136T-66

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS88136AD-133 GSI-GS88136AD-133 Datasheet
876Kb / 36P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS88136AD-133I GSI-GS88136AD-133I Datasheet
876Kb / 36P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS88136AD-150 GSI-GS88136AD-150 Datasheet
876Kb / 36P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS88136AD-150I GSI-GS88136AD-150I Datasheet
876Kb / 36P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS88136AD-166 GSI-GS88136AD-166 Datasheet
876Kb / 36P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
More results

Similar Description - GS88136T-66

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881E18T GSI-GS881E18T Datasheet
469Kb / 34P
   512K x 18, 256K x 36 ByteSafe 8Mb Sync Burst SRAMs
GS880F18T GSI-GS880F18T Datasheet
351Kb / 25P
   512K x 18, 256K x 36 8Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880E18T GSI-GS880E18T Datasheet
852Kb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18AT GSI-GS880F18AT Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88418B GSI-GS88418B Datasheet
800Kb / 25P
   512K x 18, 256K x 36 8Mb S/DCD Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com