Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS88237BGB-200V Datasheet(PDF) 7 Page - GSI Technology

Part # GS88237BGB-200V
Description  256K x 36 9Mb SCD/DCD Sync Burst SRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS88237BGB-200V Datasheet(HTML) 7 Page - GSI Technology

Back Button GS88237BGB-200V Datasheet HTML 3Page - GSI Technology GS88237BGB-200V Datasheet HTML 4Page - GSI Technology GS88237BGB-200V Datasheet HTML 5Page - GSI Technology GS88237BGB-200V Datasheet HTML 6Page - GSI Technology GS88237BGB-200V Datasheet HTML 7Page - GSI Technology GS88237BGB-200V Datasheet HTML 8Page - GSI Technology GS88237BGB-200V Datasheet HTML 9Page - GSI Technology GS88237BGB-200V Datasheet HTML 10Page - GSI Technology GS88237BGB-200V Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
GS88237BB/D-xxxV
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.04 6/2006
7/28
© 2003, GSI Technology
Byte Write Truth Table
Function
GW
BW
BA
BB
BC
BD
Notes
Read
H
H
X
X
X
X
1
Read
H
L
H
H
H
H
1
Write byte a
H
L
L
H
H
H
2, 3
Write byte b
H
L
H
L
H
H
2, 3
Write byte c
H
L
H
H
L
H
2, 3
Write byte d
H
L
H
H
H
L
2, 3
Write all bytes
H
L
L
L
L
L
2, 3
Write all bytes
L
X
X
X
X
X
Notes:
1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs.
2. Byte Write Enable inputs BA, BB, BC, and/or BD may be used in any combination with BW to write single or multiple bytes.
3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs.


Similar Part No. - GS88237BGB-200V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS88237BGB-200 GSI-GS88237BGB-200 Datasheet
760Kb / 29P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
GS88237BGB-200I GSI-GS88237BGB-200I Datasheet
760Kb / 29P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
More results

Similar Description - GS88237BGB-200V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS882V37BB GSI-GS882V37BB Datasheet
1Mb / 27P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
GS88237BB GSI-GS88237BB Datasheet
760Kb / 29P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
GS882V37AB GSI-GS882V37AB Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88218BB-V GSI-GS88218BB-V Datasheet
1Mb / 35P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88218 GSI-GS88218 Datasheet
736Kb / 37P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V18BB GSI-GS882V18BB Datasheet
986Kb / 36P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88218AB GSI-GS88218AB Datasheet
1Mb / 38P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88037BT-V GSI-GS88037BT-V Datasheet
765Kb / 19P
   256K x 36 9Mb Sync Burst SRAM
GS88037BT GSI-GS88037BT Datasheet
510Kb / 19P
   256K x 36 9Mb Sync Burst SRAM
GS880V37AT GSI-GS880V37AT Datasheet
384Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com