Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS8662D18GE-167 Datasheet(PDF) 6 Page - GSI Technology

Part # GS8662D18GE-167
Description  72Mb SigmaQuad-II Burst of 4 SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8662D18GE-167 Datasheet(HTML) 6 Page - GSI Technology

Back Button GS8662D18GE-167 Datasheet HTML 2Page - GSI Technology GS8662D18GE-167 Datasheet HTML 3Page - GSI Technology GS8662D18GE-167 Datasheet HTML 4Page - GSI Technology GS8662D18GE-167 Datasheet HTML 5Page - GSI Technology GS8662D18GE-167 Datasheet HTML 6Page - GSI Technology GS8662D18GE-167 Datasheet HTML 7Page - GSI Technology GS8662D18GE-167 Datasheet HTML 8Page - GSI Technology GS8662D18GE-167 Datasheet HTML 9Page - GSI Technology GS8662D18GE-167 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Pin Description Table
Symbol
Description
Type
Comments
SA
Synchronous Address Inputs
Input
NC
No Connect
R
Synchronous Read
Input
Active Low
W
Synchronous Write
Input
Active Low
BW0–BW3
Synchronous Byte Writes
Input
Active Low
x9/x18/x36 only
NW0–NW1
Nybble Write Control Pin
Input
Active Low
x8 only
K
Input Clock
Input
Active High
K
Input Clock
Input
Active Low
C
Output Clock
Input
Active High
C
Output Clock
Input
Active Low
TMS
Test Mode Select
Input
TDI
Test Data Input
Input
TCK
Test Clock Input
Input
TDO
Test Data Output
Output
VREF
HSTL Input Reference Voltage
Input
ZQ
Output Impedance Matching Input
Input
Qn
Synchronous Data Outputs
Output
Dn
Synchronous Data Inputs
Input
Doff
Disable DLL when low
Input
Active Low
CQ
Output Echo Clock
Output
CQ
Output Echo Clock
Output
VDD
Power Supply
Supply
1.8 V Nominal
VDDQ
Isolated Output Buffer Supply
Supply
1.5 or 1.8 V Nominal
VSS
Power Supply: Ground
Supply
Preliminary
GS8662D08/09/18/36E-333/300/250/200/167
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01a 2/2006
6/29
© 2005, GSI Technology
Note:
NC = Not Connected to die or any other pin


Similar Part No. - GS8662D18GE-167

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8662D10BD-400 GSI-GS8662D10BD-400 Datasheet
506Kb / 29P
   JEDEC-standard pinout and package
GS8662D10BD-400I GSI-GS8662D10BD-400I Datasheet
506Kb / 29P
   72Mb SigmaQuad-IITM 72Mb SigmaQuad-IITM
GS8662D10BD-450I GSI-GS8662D10BD-450I Datasheet
506Kb / 29P
   Fully coherent read and write pipelines
GS8662D10BGD-333 GSI-GS8662D10BGD-333 Datasheet
506Kb / 29P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662D10BGD-400 GSI-GS8662D10BGD-400 Datasheet
506Kb / 29P
   JEDEC-standard pinout and package
More results

Similar Description - GS8662D18GE-167

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8662D20BD-500 GSI-GS8662D20BD-500 Datasheet
556Kb / 33P
   72Mb SigmaQuad-II Burst of 4 SRAM
GS8662D07 GSI-GS8662D07 Datasheet
401Kb / 29P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662DT20 GSI-GS8662DT20 Datasheet
462Kb / 33P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662DT10BD-450 GSI-GS8662DT10BD-450 Datasheet
505Kb / 28P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662D20BD-400I GSI-GS8662D20BD-400I Datasheet
556Kb / 33P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662DT07BGD-333I GSI-GS8662DT07BGD-333I Datasheet
505Kb / 28P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662D19BD-333I GSI-GS8662D19BD-333I Datasheet
506Kb / 29P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662D37BGD-350 GSI-GS8662D37BGD-350 Datasheet
506Kb / 29P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662DT07BD-333I GSI-GS8662DT07BD-333I Datasheet
505Kb / 28P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
GS8662D37BGD-450 GSI-GS8662D37BGD-450 Datasheet
506Kb / 29P
   72Mb SigmaQuad-IITM Burst of 4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com