Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS88418B-200I Datasheet(PDF) 4 Page - GSI Technology

Part # GS88418B-200I
Description  512K x 18, 256K x 36 8Mb S/DCD Sync Burst SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS88418B-200I Datasheet(HTML) 4 Page - GSI Technology

  GS88418B-200I Datasheet HTML 1Page - GSI Technology GS88418B-200I Datasheet HTML 2Page - GSI Technology GS88418B-200I Datasheet HTML 3Page - GSI Technology GS88418B-200I Datasheet HTML 4Page - GSI Technology GS88418B-200I Datasheet HTML 5Page - GSI Technology GS88418B-200I Datasheet HTML 6Page - GSI Technology GS88418B-200I Datasheet HTML 7Page - GSI Technology GS88418B-200I Datasheet HTML 8Page - GSI Technology GS88418B-200I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Rev: 1.05 10/2001
4/25
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS88418/36B-200/180/166/150/133
BPR2000.002.14
GS88418/36 BGA Pin Description
Pin Location
Symbol
Type
Description
P4, N4
A0, A1
I
Address field LSBs and Address Counter Preset Inputs
A2, A3, A5, A6, B3, B5, C2, C3, C5,
C6, G4, R2, R6, T3, T5
An
I
Address Inputs
T4
An
I
Address Inputs (x36 Version)
T2, T6
NC
No Connect (x36 Version)
T2, T6
An
I
Address Inputs (x18 Version)
K7, L7, N7, P7, K6, L6, M6, N6, P6
H7, G7, E7, D7, H6, G6, F6, E6, D6
H1, G1, E1, D1, H2, G2, F2, E2, D2
K1, L1, N1, P1, K2, L2, M2, N2, P2
DQA1–DQPA9
DQB1–DQPB9
DQC1–DQPC9
DQD1–DQPD9
I/O
Data Input and Output pins (x36 Version)
L5, G5, G3, L3
BA, BB, BC, BD
I
Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low ( x36 Version)
P7, N6, L6, K7, H6, G7, F6, E7, D6
D1, E2, G2, H1, K2, L1, M2, N1, P2
DQA1–DQA9
DQB1–DQB9
I/O
Data Input and Output pins (x18 Version)
L5, G3
BA, BB
I
Byte Write Enable for DQA, DQB Data I/Os; active low ( x18 Version)
P6, N7, M6, L7, K6, H7, G6, E6, D7,
D2, E1, F2, G1, H2, K1, L2, N2, P1,
G5, L3, T4
NC
No Connect (x18 Version)
K4
CK
I
Clock Input Signal; active high
E4
E1
I
Chip Enable; active low
B2
E2
I
Chip Enable; active high
F4
G
I
Output Enable; active low
T7
ZZ
I
Sleep Mode control; active high
R5
FT
I
Flow Through or Pipeline mode; active low
R3
LBO
I
Linear Burst Order mode; active low
L4
SCD
I
Single Cycle Deselect/Dual Cycle Deselect Mode Control
D4
ZQ
I
FLXDrive Output Impedance Control
(Low = Low Impedance [High Drive], High = High Impedance [Low Drive])
B1, C1, R1, T1, L4, B7, C7, U6, R7,
J3,J5, U2, U3, U4, U5
NC
No Connect
J2, C4, J4, R4, J6
VDD
I
Core power supply
D3, E3, F3, H3, K3, M3, N3, P3, D5,
E5, F5, H5, K5, M5, N5, P5
VSS
I
I/O and Core Ground
A1, F1, J1, M1, U1, A7, F7, J7, M7,
U7
VDDQ
I
Output driver power supply


Similar Part No. - GS88418B-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS88018AT-133 GSI-GS88018AT-133 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-133I GSI-GS88018AT-133I Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-150 GSI-GS88018AT-150 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-150I GSI-GS88018AT-150I Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-166 GSI-GS88018AT-166 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results

Similar Description - GS88418B-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880F18T GSI-GS880F18T Datasheet
351Kb / 25P
   512K x 18, 256K x 36 8Mb Sync Burst SRAMs
GS881E18T GSI-GS881E18T Datasheet
469Kb / 34P
   512K x 18, 256K x 36 ByteSafe 8Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880E18T GSI-GS880E18T Datasheet
852Kb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88118T GSI-GS88118T Datasheet
464Kb / 33P
   512K x 18, 256K x 36 ByteSafe??8Mb Sync Burst SRAMs
GS880F18AT GSI-GS880F18AT Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88218BB-V GSI-GS88218BB-V Datasheet
1Mb / 35P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88218 GSI-GS88218 Datasheet
736Kb / 37P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V18BB GSI-GS882V18BB Datasheet
986Kb / 36P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88218AB GSI-GS88218AB Datasheet
1Mb / 38P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com