Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS816236B-150 Datasheet(PDF) 11 Page - GSI Technology

Part # GS816236B-150
Description  1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816236B-150 Datasheet(HTML) 11 Page - GSI Technology

Back Button GS816236B-150 Datasheet HTML 7Page - GSI Technology GS816236B-150 Datasheet HTML 8Page - GSI Technology GS816236B-150 Datasheet HTML 9Page - GSI Technology GS816236B-150 Datasheet HTML 10Page - GSI Technology GS816236B-150 Datasheet HTML 11Page - GSI Technology GS816236B-150 Datasheet HTML 12Page - GSI Technology GS816236B-150 Datasheet HTML 13Page - GSI Technology GS816236B-150 Datasheet HTML 14Page - GSI Technology GS816236B-150 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
GS816218(B/D)/GS816236(B/D)/GS816272(C)
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 2.17 11/2004
11/41
© 1999, GSI Technology
Note:
There are pull-up devices on the ZQ, SCD, and FT pins and a pull-down device on the ZZ pin, so those input pins can be unconnected and the
chip will operate in the default states as specified in the above tables.
Burst Counter Sequences
BPR 1999.05.18
Mode Pin Functions
Mode Name
Pin Name
State
Function
Burst Order Control
LBO
L
Linear Burst
H
Interleaved Burst
Output Register Control
FT
L
Flow Through
H or NC
Pipeline
Power Down Control
ZZ
L or NC
Active
H
Standby, IDD = ISB
Single/Dual Cycle Deselect Control
SCD
L
Dual Cycle Deselect
H or NC
Single Cycle Deselect
FLXDrive Output Impedance Control
ZQ
L
High Drive (Low Impedance)
H or NC
Low Drive (High Impedance)
9th Bit Enable
PE
L
Activate DQPx I/Os (x18/x36 mode)
H or NC
Deactivate DQPx I/Os (x16/x32 mode)
Note:
The burst counter wraps to initial state on the 5th clock.
Note:
The burst counter wraps to initial state on the 5th clock.
Linear Burst Sequence
A[1:0] A[1:0] A[1:0] A[1:0]
1st address
00
01
10
11
2nd address
01
10
11
00
3rd address
10
11
00
01
4th address
11
00
01
10
Interleaved Burst Sequence
A[1:0] A[1:0] A[1:0] A[1:0]
1st address
00
01
10
11
2nd address
01
00
11
10
3rd address
10
11
00
01
4th address
11
10
01
00


Similar Part No. - GS816236B-150

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816236BB GSI-GS816236BB Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
GS816236BB-150 GSI-GS816236BB-150 Datasheet
1Mb / 37P
   1M x 18, 512K x 36 18MbS/DCD Sync Burst SRAMs
GS816236BB-150 GSI-GS816236BB-150 Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
GS816236BB-150I GSI-GS816236BB-150I Datasheet
1Mb / 37P
   1M x 18, 512K x 36 18MbS/DCD Sync Burst SRAMs
GS816236BB-150I GSI-GS816236BB-150I Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
More results

Similar Description - GS816236B-150

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18T GSI-GS8160F18T Datasheet
544Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160EV18AT GSI-GS8160EV18AT Datasheet
490Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18 GSI-GS8161E18 Datasheet
946Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com