Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS832472C-133 Datasheet(PDF) 7 Page - GSI Technology

Part # GS832472C-133
Description  2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS832472C-133 Datasheet(HTML) 7 Page - GSI Technology

Back Button GS832472C-133 Datasheet HTML 3Page - GSI Technology GS832472C-133 Datasheet HTML 4Page - GSI Technology GS832472C-133 Datasheet HTML 5Page - GSI Technology GS832472C-133 Datasheet HTML 6Page - GSI Technology GS832472C-133 Datasheet HTML 7Page - GSI Technology GS832472C-133 Datasheet HTML 8Page - GSI Technology GS832472C-133 Datasheet HTML 9Page - GSI Technology GS832472C-133 Datasheet HTML 10Page - GSI Technology GS832472C-133 Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Rev: 1.00 10/2001
7/46
© 2001, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS832418(B/C)/GS832436(B/C)/GS832472(C)
GS832436B Pad Out
119-Bump BGA—Top View
1
2
3
4
5
6
7
A
VDDQ
A6
A7
ADSP
A8
A9
VDDQ
A
B
NC
A18
A4
ADSC
A15
A17
NC
B
C
NC
A5
A3
VDD
A14
A16
NC
C
D
DQC4
DQPC9
VSS
ZQ
VSS
DQPB9
DQB4
D
E
DQC3
DQC8
VSS
E1
VSS
DQB8
DQB3
E
F
VDDQ
DQC7
VSS
G
VSS
DQB7
VDDQ
F
G
DQC2
DQC6
BC
ADV
BB
DQB6
DQB2
G
H
DQC1
DQC5
VSS
GW
VSS
DQB5
DQB1
H
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
J
K
DQD1
DQD5
VSS
CK
VSS
DQA5
DQA4
K
L
DQD2
DQD6
BD
SCD
BA
DQA6
DQA3
L
M
VDDQ
DQD7
VSS
BW
VSS
DQA7
VDDQ
M
N
DQD3
DQD8
VSS
A1
VSS
DQA8
DQA2
N
P
DQD4
DQPD9
VSS
A0
VSS
DQPA9
DQA1
P
R
NC
A2
LBO
VDD
FT
A13
NC
R
T
NC
NC
A10
A11
A12
A19
ZZ
T
U
VDDQ
TMS
TDI
TCK
TDO
NC
VDDQ
U
7 x 17 Bump BGA—14 x 22 mm2 Body—1.27 mm Bump Pitch


Similar Part No. - GS832472C-133

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8324Z18B GSI-GS8324Z18B Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS8324Z18B-133 GSI-GS8324Z18B-133 Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS8324Z18B-133I GSI-GS8324Z18B-133I Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS8324Z18B-150 GSI-GS8324Z18B-150 Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS8324Z18B-150I GSI-GS8324Z18B-150I Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
More results

Similar Description - GS832472C-133

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS832218 ETC1-GS832218 Datasheet
1Mb / 41P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
logo
GSI Technology
GS8322V18B GSI-GS8322V18B Datasheet
1Mb / 42P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS8324Z18B GSI-GS8324Z18B Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb Sync NBT SRAMs
GS864418 GSI-GS864418 Datasheet
850Kb / 41P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS8644V18B GSI-GS8644V18B Datasheet
1Mb / 40P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864236GB-250I GSI-GS864236GB-250I Datasheet
574Kb / 37P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864218B-V GSI-GS864218B-V Datasheet
1Mb / 35P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS816218 GSI-GS816218 Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
GS832118E GSI-GS832118E Datasheet
1,004Kb / 32P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
GS832018 GSI-GS832018 Datasheet
669Kb / 25P
   2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com