Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62C64-1100EJ Datasheet(PDF) 1 Page - 3M Electronics

Part # 62C64-1100EJ
Description  Eurosocket Type C
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

62C64-1100EJ Datasheet(HTML) 1 Page - 3M Electronics

  62C64-1100EJ Datasheet HTML 1Page - 3M Electronics 62C64-1100EJ Datasheet HTML 2Page - 3M Electronics 62C64-1100EJ Datasheet HTML 3Page - 3M Electronics 62C64-1100EJ Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
Eurosocket
Type C (Rows A & C, A & B or A, B & C Filled)
62CXX Series
TS-0813-01
Sheet 1 of 4
41
S DIN 41612 compatible
S High density (64 & 96 position)
S Mates with DIN 41612 Type C headers
S High reliability contact design
S Can be daisy-chained or end terminated to
flat cable
S Optional strain relief with handle
S Individual connector coding with 3435-1
keying plug
Date Modified: February 19, 1999
Physical
Insulation
Material: Glass Filled Polyester (PBT)
Flammability: UL 94V-0
Color: Gray
Contact
Material: Copper Alloy
Plating
Underplate: 50
µ
″ [ 1.27 µ m ] Nickel—QQ–N–290, Class 2
Wiping Area: 20
µ
″ [ 0.50 µ m ] Gold—MIL–G–45204, Type II, Grade C
(For additional plating options see Ordering Information)
Marking: 3M Logo, Part Identification & Contact Position Numbers
Wire Accommodation: Stranded or Solid: 26 & 28 AWG, Solid: 30 AWG
Electrical
Current Rating: 1 A
Insulation Resistance: >1 X 10
°Ω at 500 Vdc
Withstanding Voltage: 1000 Vrms at Sea Level
Environmental
Temperature Rating: –55
°C to +125°C
UL File No.: E68080


Similar Part No. - 62C64-1100EJ

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62C GRAYHILL-62C Datasheet
5Mb / 33P
   Custom, Absolute
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Grayhill, Inc
62C1111-01-040C GRAYHILL-62C1111-01-040C Datasheet
430Kb / 2P
   Economical Size Combined Functionality
62C1111-02-040C GRAYHILL-62C1111-02-040C Datasheet
430Kb / 2P
   Economical Size Combined Functionality
62C1115-01-040C GRAYHILL-62C1115-01-040C Datasheet
5Mb / 33P
   Custom, Absolute
More results

Similar Description - 62C64-1100EJ

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
UC41D3XLXXX VITALCONN-UC41D3XLXXX Datasheet
290Kb / 2P
   TYPE C USB
logo
Adam Technologies, Inc.
DIN-64FS-L22-A1CX ADAM-TECH-DIN-64FS-L22-A1CX Datasheet
87Kb / 1P
   DIN TYPE C FEMALE
DIN-32FS-S32-A1CX ADAM-TECH-DIN-32FS-S32-A1CX Datasheet
88Kb / 1P
   DIN TYPE C FEMALE
DIN-96MR-L33-A1CX ADAM-TECH-DIN-96MR-L33-A1CX Datasheet
93Kb / 1P
   DIN TYPE C MALE
DIN-96FS-L33-A2CX ADAM-TECH-DIN-96FS-L33-A2CX Datasheet
92Kb / 1P
   DIN TYPE C FEMALE
logo
DDK Ltd.
DSB-RE24-H1A DDK-DSB-RE24-H1A Datasheet
346Kb / 3P
   USB Type-C Connector
logo
Maxim Integrated Produc...
MAX14748 MAXIM-MAX14748_V01 Datasheet
1Mb / 71P
   USB Type-C Charger
2019
logo
Hirose Electric
CX90B1-24P HIROSE-CX90B1-24P Datasheet
1Mb / 25P
   USB Type-C Connector
logo
Adam Technologies, Inc.
DIN-64MR-L32-A1CX-HT ADAM-TECH-DIN-64MR-L32-A1CX-HT Datasheet
86Kb / 1P
   DIN TYPE C FEMALE
logo
List of Unclassifed Man...
103-60014 ETC2-103-60014 Datasheet
166Kb / 2P
   Type C Male connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com