Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT640N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ABT640N
Description  Octal transceiver with direction pin, inverting 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT640N Datasheet(HTML) 2 Page - NXP Semiconductors

  74ABT640N Datasheet HTML 1Page - NXP Semiconductors 74ABT640N Datasheet HTML 2Page - NXP Semiconductors 74ABT640N Datasheet HTML 3Page - NXP Semiconductors 74ABT640N Datasheet HTML 4Page - NXP Semiconductors 74ABT640N Datasheet HTML 5Page - NXP Semiconductors 74ABT640N Datasheet HTML 6Page - NXP Semiconductors 74ABT640N Datasheet HTML 7Page - NXP Semiconductors 74ABT640N Datasheet HTML 8Page - NXP Semiconductors 74ABT640N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74ABT640
Octal transceiver with direction pin, inverting
(3-State)
2
1998 Jan 16
853–1612 18864
FEATURES
Octal bidirectional bus interface
3-State buffers
Power-up 3-State
Live insertion/extraction permitted
Output capability: +64mA/–32mA
Latch-up protection exceeds 500mA per Jedec Std 17
ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
DESCRIPTION
The 74ABT640 high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The 74ABT640 device is an octal transceiver featuring inverting
3-State bus compatible outputs in both send and receive directions.
The control function implementation minimizes external timing
requirements. The device features an Output Enable (OE) input for
easy cascading and a Direction (DIR) input for direction control.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50pF; VCC = 5V
3.1
ns
CIN
Input capacitance
DIR, OE
VI = 0V or VCC
4
pF
CI/O
I/O capacitance
Outputs disabled; VO = 0V or VCC
7
pF
ICCZ
Total supply current
Outputs disabled; VCC =5.5V
50
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
20-Pin Plastic DIP
–40
°C to +85°C
74ABT640 N
74ABT640 N
SOT146-1
20-Pin plastic SO
–40
°C to +85°C
74ABT640 D
74ABT640 D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74ABT640 DB
74ABT640 DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74ABT640 PW
74ABT640PW DH
SOT360-1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DIR
A0
A1
A2
A3
A4
A5
A6
A7
GND
VCC
OE
B0
B1
B2
B3
B4
B5
B6
B7
SA00208
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
NAME AND FUNCTION
1
DIR
Direction control input
2, 3, 4, 5,
6, 7, 8, 9
A0 – A7
Data inputs/outputs (A side)
18, 17, 16,
15,
14, 13, 12, 11
B0 – B7
Data inputs/outputs (B side)
19
OE
Output enable input, B side to A
side (active-Low)
10
GND
Ground (0V)
20
VCC
Positive supply voltage


Similar Part No. - 74ABT640N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT646 FAIRCHILD-74ABT646 Datasheet
97Kb / 9P
   Octal Transceivers and Registers with 3-STATE Outputs
logo
NXP Semiconductors
74ABT646A PHILIPS-74ABT646A Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74ABT646A NXP-74ABT646A Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
74ABT646AD PHILIPS-74ABT646AD Datasheet
117Kb / 14P
   Octal bus transceiver/register 3-State
1998 Feb 17
74ABT646AD NXP-74ABT646AD Datasheet
112Kb / 19P
   Octal bus transceiver/register; 3-state
Rev. 03-15 March 2010
More results

Similar Description - 74ABT640N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT640_2 PHILIPS-74LVT640_2_15 Datasheet
110Kb / 10P
   3.3V Octal transceiver with direction pin; inverting (3-State)
1998 Feb 19
74LVT640 PHILIPS-74LVT640 Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT640 NEXPERIA-74LVT640 Datasheet
233Kb / 12P
   3.3 V Octal transceiver with direction pin; inverting; 3-state
Rev. 4 - 23 February 2021
logo
NXP Semiconductors
74ABT245 PHILIPS-74ABT245 Datasheet
104Kb / 10P
   Octal transceiver with direction pin 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT245 NEXPERIA-74ABT245 Datasheet
233Kb / 12P
   Octal transceiver with direction pin; 3-state
Rev. 5 - 9 July 2021
logo
NXP Semiconductors
74ABT245DB NXP-74ABT245DB Datasheet
827Kb / 6P
   Octal transceiver with direction pin (3-State)
74LVT245 PHILIPS-74LVT245 Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
74LVT245B PHILIPS-74LVT245B Datasheet
106Kb / 10P
   3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
logo
Nexperia B.V. All right...
74LVT245 NEXPERIA-74LVT245 Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com