Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5821 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CS5821
Description  21:3 LVDS Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS5821 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CS5821 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS5821 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CS5821
Century Semiconductor Inc.
page 4 of 14
FUNCTIONAL DESCRIPTION
Serial-In Parallel-Out 7-Bit Shift Register
It receives the serial data from the transmitter. It uses the 7xclk to strobe the serial data and sends 7-bit parallel
data with input clock’s frequency.
Phase Lock Loop and Phase Aligner
The PLL generates the seven times input clock which is used for deserialized. The phase aligner is used for
synchronous the input clock and output.
Control logic
There are two modes in this circuit. One is normal mode, and another is power down mode. Two modes are
controlled by the control signal “SHTDNN”. If SHTDNN is high, the circuit is in the normal mode, else if low, the
circuit is in the power down mode. In the power down mode, every block is off to make sure the least power
consumption.


Similar Part No. - CS5821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS5820 ETC1-CS5820 Datasheet
135Kb / 12P
   21:3 LVDS Transmitter
CS5823 ETC1-CS5823 Datasheet
41Kb / 1P
   TMDS Receiver
CS5824 ETC1-CS5824 Datasheet
194Kb / 13P
   28:4 LVDS Transmitter
CS5825 ETC1-CS5825 Datasheet
127Kb / 13P
   28:4 LVDS Receiver
CS5826 ETC1-CS5826 Datasheet
80Kb / 1P
   Dual Pixel LVDS Display Interface (LDI) Transmitter
More results

Similar Description - CS5821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS5820 ETC1-CS5820 Datasheet
135Kb / 12P
   21:3 LVDS Transmitter
logo
Texas Instruments
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
Rohm
BU90LV048 ROHM-BU90LV048_11 Datasheet
434Kb / 15P
   4bit LVDS Receiver
logo
Texas Instruments
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
Semtech Corporation
SK1303 SEMTECH-SK1303 Datasheet
105Kb / 6P
   LVDS Receiver/Driver
logo
Texas Instruments
SN65LVDS822 TI1-SN65LVDS822_14 Datasheet
965Kb / 30P
[Old version datasheet]   FLATLINK??LVDS RECEIVER
SN65LVDS822 TI1-SN65LVDS822 Datasheet
418Kb / 27P
[Old version datasheet]   FLATLINK LVDS RECEIVER
SN65LVDS94 TI-SN65LVDS94 Datasheet
190Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
ams AG
AS1153_V2 AMSCO-AS1153_V2 Datasheet
469Kb / 16P
   Dual LVDS Receiver
logo
Rohm
BU90R104 ROHM-BU90R104_15 Datasheet
545Kb / 22P
   35bit LVDS Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com