Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM42DL1644DT70IT Datasheet(PDF) 5 Page - SPANSION

Part # AM42DL1644DT70IT
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM42DL1644DT70IT Datasheet(HTML) 5 Page - SPANSION

  AM42DL1644DT70IT Datasheet HTML 1Page - SPANSION AM42DL1644DT70IT Datasheet HTML 2Page - SPANSION AM42DL1644DT70IT Datasheet HTML 3Page - SPANSION AM42DL1644DT70IT Datasheet HTML 4Page - SPANSION AM42DL1644DT70IT Datasheet HTML 5Page - SPANSION AM42DL1644DT70IT Datasheet HTML 6Page - SPANSION AM42DL1644DT70IT Datasheet HTML 7Page - SPANSION AM42DL1644DT70IT Datasheet HTML 8Page - SPANSION AM42DL1644DT70IT Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
4
Am42DL16x4D
January 9, 2002
P R E L IMINARY
Timing Diagram............................................................................... 49
Alternate CE#f Controlled Erase and Program Operations .... 50
Figure 27. Flash Alternate CE#f Controlled Write (Erase/Program) Op-
eration Timings................................................................................ 51
SRAM Read Cycle .................................................................. 52
Figure 28. SRAM Read Cycle—Address Controlled....................... 52
Figure 29. SRAM Read Cycle ......................................................... 53
SRAM Write Cycle .................................................................. 54
Figure 30. SRAM Write Cycle—WE# Control ................................. 54
Figure 31. SRAM Write Cycle—CE1#s Control .............................. 55
Figure 32. SRAM Write Cycle—UB#s and LB#s Control ................ 56
Flash Erase And Programming Performance . . 57
Flash Latchup Characteristics. . . . . . . . . . . . . . . 57
Package Pin Capacitance . . . . . . . . . . . . . . . . . . 57
FLASH Data Retention . . . . . . . . . . . . . . . . . . . . . 57
SRAM Data Retention . . . . . . . . . . . . . . . . . . . . . 58
Figure 33. CE1#s Controlled Data Retention Mode....................... 58
Figure 34. CE2s Controlled Data Retention Mode......................... 58
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 59
FLA069—69-Ball Fine-Pitch Grid Array 8 x 11 mm ............... 59
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 60
Revision A (October 24, 2001) ............................................... 60


Similar Part No. - AM42DL1644DT70IT

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM42DL1644DT70IT AMD-AM42DL1644DT70IT Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
More results

Similar Description - AM42DL1644DT70IT

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM41DL6408H AMD-AM41DL6408H Datasheet
1Mb / 66P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42516 AMD-DS42516 Datasheet
953Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com