Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3626-8000 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3626-8000
Description  3M Pak 100 Wiremount Socket
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3626-8000 Datasheet(HTML) 1 Page - 3M Electronics

  3626-8000 Datasheet HTML 1Page - 3M Electronics 3626-8000 Datasheet HTML 2Page - 3M Electronics 3626-8000 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MPak 100 Wiremount Socket
.100
″ × .100″ for .050″ Pitch Cable (Optional Plastic or Metal Strain Relief) 3000 Series
Physical
Electrical
Environmental
*RoHS = Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment
Insulation
Material: Glass Filled Polyester (PBT)
Flammability: UL 94V-0
Color: Gray
Contact
Material: Copper Alloy
Plating:
Underplating and U-Slot: 100
µ″ [ 2.54 µm ] Nickel - QQ-N-290, Class 2
Wiping Area: 30
µ″ [ 0.76 µm ] Gold, MIL-G-45204, Type II, Grade C
Wire Accommodation: 26 & 28 AWG Solid & Stranded
Marking:
3M Logo, Part Identification Number and Orientation Triangle
Current Rating:
1 A
Insulation Resistance: > 1
× 109Ω at 500 VDC
Withstanding Voltage:
1000 Vrms at Sea Level
Temperature Rating:
-55
°C to +105°C
• Industry standard IDC socket
• Optional plastic or low profile metal strain relief
• Positive locking metal ‘‘J'' clips provide high
cover retention
• Mates with 3M headers, plugs and pin strips for
quick connect/disconnect capability
• Open or closed end covers available
• Accepts flat cable or discrete wire
• Military polarization, with or without
centerbump
• RoHS* Compliant
TS-0718-08
Sheet 1 of 2
Date Modified: January 28, 2005
UL File No.: E68080


Similar Part No. - 3626-8000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3626-8050 3M-3626-8050 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3626-80E 3M-3626-80E Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3626-80I 3M-3626-80I Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
More results

Similar Description - 3626-8000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3435-0 3M-3435-0 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
89110-0001HA 3M-89110-0001HA Datasheet
412Kb / 3P
   3M Pak 100 Preassembled Wiremount Socket
P25LE-030S-DA 3M-P25LE-030S-DA Datasheet
830Kb / 3P
   3M Pak 50 Low Profile Wiremount Socket
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
   3M Wiremount Socket
3573-1000 3M-3573-1000 Datasheet
451Kb / 4P
   3M D Ribbon Wiremount Socket
355 3M-355 Datasheet
839Kb / 3P
   3M??Power Clamp Wiremount Socket
3448-3050 3M-3448-3050 Datasheet
392Kb / 4P
   .100 x .100 Wiremount Socket
3490-5 3M-3490-5 Datasheet
20Kb / 1P
   100 X 100, Wiremount Socket
38104-0018-000FL 3M-38104-0018-000FL Datasheet
639Kb / 2P
   3M?줝INK CONNECTOR, 2.54MM[.100"], WIREMOUNT, HERMAPHRODITIC
3358-0001 3M-3358-0001 Datasheet
440Kb / 3P
   3M Pak 100 Card-Edge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com