Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3490-4 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3490-4
Description  100 X 100, Wiremount Socket
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3490-4 Datasheet(HTML) 1 Page - 3M Electronics

  3490-4 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3M Interconnect Solutions Division
6801 River Place Blvd.
Austin, TX 78726-9000
For technical, sales or ordering information call
800-225-5373
Accessories
.100
″  .100″ Wiremount Socket
Contact Quantity
Dim B
Dim C
10
0.68 [ 17.3 ]
0.62 [ 15.7 ]
14
0.88 [ 22.4 ]
0.82 [ 20.8 ]
16
0.98 [ 24.98 ]
0.92 [ 23.4 ]
20
1.18 [ 30.0 ]
1.12 [ 28.4 ]
24
1.38 [ 35.1 ]
1.32 [ 33.5 ]
26
1.48 [ 37.6 ]
1.42 [ 36.1 ]
30
1.68 [ 42.7 ]
1.62 [ 41.1 ]
34
1.88 [ 50.3 ]
1.82 [ 46.2 ]
36
1.98 [ 50.3 ]
1.92 [ 48.8 ]
40
2.18 [ 55.4 ]
2.12 [ 53.8 ]
44
2.38 [ 60.5 ]
2.32 [ 58.9 ]
50
2.68 [ 68.1 ]
2.62 [ 66.5 ]
60
3.18 [ 80.8 ]
3.12 [ 79.2 ]
3M Part Number
Dimension A
± .02
3490-1
0.50 [ 12.7 ]
3490-2
1.00 [ 25.4 ]
3490-3
1.50 [ 38.1 ]
3490-4
2.00 [ 50.8 ]
3490-5
2.50 [ 63.5 ]
3490-7
3.10 [ 78.7 ]
3490-6
3.25 [ 82.6 ]
3490-9
“No Product
Labeling”
1.50 [ 38.1] width
2.00 [ 50.8 ] length
Notes:
1. Matte finish for ink labeling.
2. Material: Polyester
Thickness: .005
± .001
Flammability: Oxygen index minimum
28, ASTM D-2863.
3. Material: Double sided adhesive
tape with liner.
.5
[ 13 ]
See
Note 3
See
Note 2
3.00
[ 76.2 ]
3490-X
Inch
[mm]
± .005
± .1 ± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
A
C
.08
[ 2.0 ]
See Note 1
Metal
Material: Stainless
Steel pasivated
.53 Ref
[ 13.5 ]
.10
[ 2.5 ]
.026
[ 0.66 ]
.051
[ 1.30 ]
3435
Breakaway
Tab
.24
[ 6.1 ]
Keying Plug
3435-0
Standard Pull Tab
3490
See
Note 1
Plastic
Material: PBT
.15
[ 3.8 ]
.22
[ 5.6 ]
Recessed for
Cable Exit
.24
[ 6.1 ]
B
.63
[ 16.0 ]
Strain Relief
3448-X0XX
XX = ‘‘Contact Quantity’’
of Socket:
(i.e. 50 for
50 Position
Strain Relief)
Type:
2 = Metal
3 = Plastic
Note:
1. The notch is non-existent on 40 position and larger.
TS-0720-02
Sheet 1 of 1


Similar Part No. - 3490-4

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3490-4 3M-3490-4 Datasheet
392Kb / 4P
   .100 x .100 Wiremount Socket
3490-4 3M-3490-4 Datasheet
1Mb / 4P
   3M??Accessories
More results

Similar Description - 3490-4

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3448-3050 3M-3448-3050 Datasheet
392Kb / 4P
   .100 x .100 Wiremount Socket
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
3435-0 3M-3435-0 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
89110-0001HA 3M-89110-0001HA Datasheet
412Kb / 3P
   3M Pak 100 Preassembled Wiremount Socket
152210-0000GB 3M-152210-0000GB Datasheet
70Kb / 3P
   2mm X 2mm Wiremount Socket
logo
Adam Technologies, Inc.
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
logo
3M Electronics
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
   3M Wiremount Socket
3417-7040 3M-3417-7040 Datasheet
1Mb / 4P
   3M??Wiremount Socket .100??횞 .100??for .050??Pitch Cable (Optional Plastic or Metal Strain Relief)
38104-0018-000FL 3M-38104-0018-000FL Datasheet
639Kb / 2P
   3M?줝INK CONNECTOR, 2.54MM[.100"], WIREMOUNT, HERMAPHRODITIC
3573-1000 3M-3573-1000 Datasheet
451Kb / 4P
   3M D Ribbon Wiremount Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com