Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV852K7-G Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV852K7-G
Description  High Voltage, Low Noise, Inductorless EL Lamp Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV852K7-G Datasheet(HTML) 1 Page - Supertex, Inc

  HV852K7-G Datasheet HTML 1Page - Supertex, Inc HV852K7-G Datasheet HTML 2Page - Supertex, Inc HV852K7-G Datasheet HTML 3Page - Supertex, Inc HV852K7-G Datasheet HTML 4Page - Supertex, Inc HV852K7-G Datasheet HTML 5Page - Supertex, Inc HV852K7-G Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
HV852
Initial Release
Features
No external components required when using an
external EL clock frequency
EL frequency can be set by an external resistor
Low Noise
DC to AC converter
Drives up to 5.3nF (approx. 1.5in2 lamp) load
Output voltage regulation
Enable function
Applications
Cellular phone keypad
Watches
Small handheld wireless devices
MP3 Players
General Description
The Supertex HV852 is a high voltage, low noise, inductorless
EL (electroluminescent) lamp driver. It is designed to drive EL
lamps of up to 1.5in2, with capacitive values up to 5.3nF over
an input voltage range of 2.4V to 5.0V. The HV852 converts
a low voltage DC input to a high voltage AC output across an
EL lamp. It uses a charge pump scheme to boost the input
voltage eliminating the need for an external inductor, diode,
and high voltage capacitor commonly found in conventional
topologies.
The charge pump circuit discharges its energy into an EL lamp
through a high voltage H-bridge. Once the voltage reaches
its regulated limit, it is turned off to conserve power. The EL
lamp is then discharged to ground and the H-bridge changes
state to allow the charge pump to charge the EL lamp in the
opposite direction.
Typical Application Circuit
High Voltage, Low Noise,
Inductorless EL Lamp Driver
EL Lamp frequency set by R
EL
+
-
EL
LAMP
V
DD
C
DD
R
EL
V
DD = ON
GND = OFF
HV852
GND
CLKEN
VA
VB
CLKIN
EN
REL
VDD


Similar Part No. - HV852K7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV852K7-G SUTEX-HV852K7-G Datasheet
701Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
More results

Similar Description - HV852K7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852_07 Datasheet
701Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV853 SUTEX-HV853_08 Datasheet
614Kb / 7P
   High Voltage, Low Noise,Inductorless EL Lamp Driver
HV852 SUTEX-HV852_09 Datasheet
659Kb / 7P
   High Voltage,Low Noise,Inductorless EL Lamp Driver
HV853 SUTEX-HV853 Datasheet
688Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850 SUTEX-HV850 Datasheet
248Kb / 6P
   High Voltage Low Noise Inductorless EL Lamp Driver
HV852DB1 SUTEX-HV852DB1 Datasheet
330Kb / 2P
   High Voltage, Low Noise, Inductorless EL Lamp Driver Demoboard
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com