Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2515LQX1321 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2515LQX1321
Description  PLLatinum??Frequency Synthesizer System with Integrated VCO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2515LQX1321 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMX2515LQX1321 Datasheet HTML 6Page - National Semiconductor (TI) LMX2515LQX1321 Datasheet HTML 7Page - National Semiconductor (TI) LMX2515LQX1321 Datasheet HTML 8Page - National Semiconductor (TI) LMX2515LQX1321 Datasheet HTML 9Page - National Semiconductor (TI) LMX2515LQX1321 Datasheet HTML 10Page - National Semiconductor (TI) LMX2515LQX1321 Datasheet HTML 11Page - National Semiconductor (TI) LMX2515LQX1321 Datasheet HTML 12Page - National Semiconductor (TI) LMX2515LQX1321 Datasheet HTML 13Page - National Semiconductor (TI) LMX2515LQX1321 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Functional Description (Continued)
TABLE 1. Power Down Modes
CE pin
RF_PD Bit
Mode
HIGH
0
Active
HIGH
1
Not Active
LOW
0
Not Active
LOW
1
Not Active
VCO SELECTION
The RF_SEL bit must be used to select the RF VCO output.
When using the LMX2515LQ0701 the RF_SEL bit must be
set to "0". When using the LMX2515LQ1321 the RF_SEL bit
must be set to "1".
TABLE 2. VCO Selection
RF_SEL Bit
Mode
0
LMX2515LQ0701
1
LMX2515LQ1321
LOCK DETECT MODE
The LD output can be used to indicate the lock status of the
PLL. Bit 6 in Register R1 determines the signal that appears
on the LD pin. When the PLL is not locked, the LD pin
remains LOW. After obtaining phase lock, the LD pin will
have a logical HIGH level. The LD output is always low when
the LD register bit is 0 and in power down mode.
TABLE 3. Lock Detect Modes
LD Bit
Mode
0
Disable (GND)
1
Enable
TABLE 4. Lock Detect Logic
RF-PLL Section
LD Output
Locked
HIGH
Not Locked
LOW
Note 13: LD output becomes low when the phase error is larger than tW2.
Note 14: LD output becomes high when the phase error is less than tW1 for
four or more consecutive cycles.
Note 15: Phase Error is measured on leading edge. Only errors greater than
tW1 and tW2 are labeled.
Note 16: tW1 is 5 ns for LMX2515LQ1321 and 10 ns for LMX2515LQ0701.
tW2 is 10 ns for both devices.
Note 17: The lock detect comparison occurs with every 64th cycle of fR and
fN
20068808
FIGURE 2. Lock Detect Timing Diagram Waveform (Notes 13, 14, 15, 16, 17)
www.national.com
10


Similar Part No. - LMX2515LQX1321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2512 NSC-LMX2512 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
LMX2512LQ0967 NSC-LMX2512LQ0967 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2512LQ0967/NOPB TI1-LMX2512LQ0967/NOPB Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2512LQ1065 NSC-LMX2512LQ1065 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
LMX2512LQX0967 NSC-LMX2512LQX0967 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
More results

Similar Description - LMX2515LQX1321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
   PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
LMX2525 NSC-LMX2525 Datasheet
237Kb / 17P
   PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
LMX2541 NSC-LMX2541 Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2522 TI1-LMX2522 Datasheet
853Kb / 26P
[Old version datasheet]   LMX2522/LMX2532 PLLatinum??Frequency Synthesizer System with Integrated VCOs
LMX2541SQ2060E_NOPB TI1-LMX2541SQ2060E_NOPB Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQE2060E TI-LMX2541SQE2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com