Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-000067-MCH000 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MAAP-000067-MCH000
Description  Amplifier, Power, 2W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAP-000067-MCH000 Datasheet(HTML) 5 Page - Tyco Electronics

  MAAP-000067-MCH000 Datasheet HTML 1Page - Tyco Electronics MAAP-000067-MCH000 Datasheet HTML 2Page - Tyco Electronics MAAP-000067-MCH000 Datasheet HTML 3Page - Tyco Electronics MAAP-000067-MCH000 Datasheet HTML 4Page - Tyco Electronics MAAP-000067-MCH000 Datasheet HTML 5Page - Tyco Electronics MAAP-000067-MCH000 Datasheet HTML 6Page - Tyco Electronics MAAP-000067-MCH000 Datasheet HTML 7Page - Tyco Electronics MAAP-000067-MCH000 Datasheet HTML 8Page - Tyco Electronics MAAP-000067-MCH000 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Amplifier, Power, 2W
5.7-8.5 GHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Rev A
Preliminary Datasheet
5
MAAP-000067-PKG003
RoHS
Compliant
Figure 13. Power Added Efficiency vs. Input Power and Frequency
at VD = 6V and IDQ = 640mA
0
5
10
15
20
25
30
35
40
45
50
-10
-8-7
-5-3-2
0
2
4
5
7
9
10
12
Input Power (dBm)
6 GHz
7 GHz
8 GHz
Figure 14. Drain Current vs. Input Power and Frequency
at VD = 6V and IDQ = 640mA
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-10
-8
-6
-4
-2
02468
10
12
Input Power (dBm)
6 GHz
7 GHz
8 GHz
Figure 16. Drain Current vs. Input Power and Frequency
at VD = 8V and IDQ = 640mA
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-10
-8-6
-4-2
0
2
4
6
8
10
12
14
Input Power (dBm)
6 GHz
7 GHz
8 GHz
Figure 17. Power Added Efficiency vs. Input Power and Frequency
at VD = 10V and IDQ = 640mA
0
5
10
15
20
25
30
35
40
45
50
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
Input Power (dBm)
6 GHz
7 GHz
8 GHz
Figure 18. Darin Current vs. Input Power and Frequency
at VD = 10V and IDQ = 640mA
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
Input Power (dBm)
6 GHz
7 GHz
8 GHz
Figure 15. Power Added Efficiency vs. Input Power and Frequency
at VD = 8V and IDQ = 640mA
0
5
10
15
20
25
30
35
40
45
50
-10
-8
-6-4-3
-1
1
3
5
7
8
10
12
14
Input Power (dBm)
6 GHz
7 GHz
8 GHz


Similar Part No. - MAAP-000067-MCH000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000064-PKG003 MACOM-MAAP-000064-PKG003 Datasheet
152Kb / 4P
   Amplifier, Power, 2W 6.5-9.5 GHz
MAAP-000064-SMB004 MACOM-MAAP-000064-SMB004 Datasheet
152Kb / 4P
   Amplifier, Power, 2W 6.5-9.5 GHz
MAAP-000064-SMB004 MACOM-MAAP-000064-SMB004 Datasheet
216Kb / 5P
   Variable Drain Voltage (4-10V) Operation
MAAP-000066-PKG003 MACOM-MAAP-000066-PKG003 Datasheet
309Kb / 9P
   Amplifier, Power, 2.0W 2.5-5.0 GHz
MAAP-000066-SMB003 MACOM-MAAP-000066-SMB003 Datasheet
309Kb / 9P
   Amplifier, Power, 2.0W 2.5-5.0 GHz
More results

Similar Description - MAAP-000067-MCH000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-010518 MA-COM-MAAP-010518 Datasheet
4Mb / 10P
   2W Power Amplifier
MAAP-010518 MA-COM-MAAP-010518_15 Datasheet
4Mb / 10P
   2W Power Amplifier
logo
Tyco Electronics
MAAPGM0021 MACOM-MAAPGM0021 Datasheet
234Kb / 5P
   5.0-8.5GHz 2W Power Amplifier
logo
SIRENZA MICRODEVICES
SZM-2066Z SIRENZA-SZM-2066Z Datasheet
641Kb / 13P
   2.4-2.7GHz 2W Power Amplifier
logo
TriQuint Semiconductor
TGA4516 TRIQUINT-TGA4516_15 Datasheet
183Kb / 9P
   Ka Band 2W Power Amplifier
logo
SIRENZA MICRODEVICES
SZM-2166Z SIRENZA-SZM-2166Z Datasheet
683Kb / 16P
   2.3-2.7GHz 2W Power Amplifier
logo
Eutech Microelectronics...
EUA4992 EUTECH-EUA4992 Datasheet
199Kb / 6P
   2W Stereo Audio Power Amplifier
logo
Qorvo, Inc
TGA4516 QORVO-TGA4516 Datasheet
183Kb / 9P
   Ka Band 2W Power Amplifier
logo
TriQuint Semiconductor
TGA4516 TRIQUINT-TGA4516 Datasheet
162Kb / 8P
   Ka-Band 2W Power Amplifier
logo
SIRENZA MICRODEVICES
SZM-3066Z SIRENZA-SZM-3066Z Datasheet
614Kb / 9P
   3.3-3.8GHz 2W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com