Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V561620CLTP-H Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HY57V561620CLTP-H
Description  4 Banks x 4M x 16Bit Synchronous DRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V561620CLTP-H Datasheet(HTML) 5 Page - Hynix Semiconductor

  HY57V561620CLTP-H Datasheet HTML 1Page - Hynix Semiconductor HY57V561620CLTP-H Datasheet HTML 2Page - Hynix Semiconductor HY57V561620CLTP-H Datasheet HTML 3Page - Hynix Semiconductor HY57V561620CLTP-H Datasheet HTML 4Page - Hynix Semiconductor HY57V561620CLTP-H Datasheet HTML 5Page - Hynix Semiconductor HY57V561620CLTP-H Datasheet HTML 6Page - Hynix Semiconductor HY57V561620CLTP-H Datasheet HTML 7Page - Hynix Semiconductor HY57V561620CLTP-H Datasheet HTML 8Page - Hynix Semiconductor HY57V561620CLTP-H Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HY57V561620C(L)T(P)
Rev. 0.5 / June 2004
5
CAPACITANCE (TA=25°C, f=1MHz)
OUTPUT LOAD CIRCUIT
DC CHARACTERISTICS I (TA=0 to 70°C, VDD=3.3±0.3V)
Note :
1.VIN = 0 to 3.6V, All other pins are not tested under VIN =0V
2.DOUT is disabled, VOUT=0 to 3.6V
Parameter
Pin
Symbol
-6/7/K/H
-8/P/S
Unit
Min
Max
Min
Max
Input capacitance
CLK
CI1
2.5
3.5
2.5
4.0
pF
A0 ~ A12, BA0, BA1, CKE, CS, RAS, CAS,
WE, UDQM, LDQM
CI2
2.5
3.8
2.5
5.0
pF
Data input / output capacitance
DQ0 ~ DQ15
CI/O
4.0
6.5
4.0
6.5
pF
Parameter
Symbol
Min.
Max
Unit
Note
Input Leakage Current
ILI
-1
1
uA
1
Output Leakage Current
ILO
-1
1
uA
2
Output High Voltage
VOH
2.4
-
V
IOH = -4mA
Output Low Voltage
VOL
-0.4
V
IOL = +4mA
Vtt=1.4V
RT=250
50pF
Output
50pF
Output
DC Output Load Circuit
AC Output Load Circuit


Similar Part No. - HY57V561620CLTP-H

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V561620 HYNIX-HY57V561620 Datasheet
151Kb / 13P
   4Banks x 4M x 16Bit Synchronous DRAM
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-6I HYNIX-HY57V561620BLT-6I Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-8I HYNIX-HY57V561620BLT-8I Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-HI HYNIX-HY57V561620BLT-HI Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
More results

Similar Description - HY57V561620CLTP-H

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S561632C SAMSUNG-K4S561632C Datasheet
116Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM
K4S561632A SAMSUNG-K4S561632A Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D SAMSUNG-K4S561632D Datasheet
60Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632B SAMSUNG-K4S561632B Datasheet
131Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC75000 SAMSUNG-K4S561632D-TC75000 Datasheet
64Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V651620B HYNIX-HY57V651620B Datasheet
81Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
List of Unclassifed Man...
TBS6416B4E ETC2-TBS6416B4E Datasheet
225Kb / 8P
   1M x 16Bit x 4 Banks synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com