Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT54W1MH36B Datasheet(PDF) 9 Page - Micron Technology

Part # MT54W1MH36B
Description  36Mb QDR?줚I SRAM 2-WORD BURST
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT54W1MH36B Datasheet(HTML) 9 Page - Micron Technology

Back Button MT54W1MH36B Datasheet HTML 5Page - Micron Technology MT54W1MH36B Datasheet HTML 6Page - Micron Technology MT54W1MH36B Datasheet HTML 7Page - Micron Technology MT54W1MH36B Datasheet HTML 8Page - Micron Technology MT54W1MH36B Datasheet HTML 9Page - Micron Technology MT54W1MH36B Datasheet HTML 10Page - Micron Technology MT54W1MH36B Datasheet HTML 11Page - Micron Technology MT54W1MH36B Datasheet HTML 12Page - Micron Technology MT54W1MH36B Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
4 MEG x 8, 4 MEG x 9, 2 MEG x 18, 1 MEG x 36
1.8V VDD, HSTL, QDRIIb2 SRAM
ADVANCE
36Mb: 1.8V VDD, HSTL, QDRIIb2 SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT54W2MH18B_A.fm - Rev 9/02
9
©2002, Micron Technology Inc.
FBGA BALL DESCRIPTIONS
SYMBOL
TYPE
DESCRIPTION
SA
Input
Synchronous Address Inputs: These inputs are registered and must meet the setup and hold
times around the rising edge of K for READ cycles and K# for WRITE cycles. See Ball
Assignment figures for address expansion inputs. All transactions operate on a burst of two
words (one clock period of bus activity). These inputs are ignored when both ports are
deselected.
R#
Input
Synchronous Read: When LOW, this input causes the address inputs to be registered and a
READ cycle to be initiated. This input must meet setup and hold times around the rising edge
of K.
W#
Input
Synchronous Write: When LOW, this input causes the address inputs to be registered and a
WRITE cycle to be initiated. This input must meet setup and hold times around the rising
edge of K.
BW_#
NW_#
Input
Synchronous Byte Writes (or Nibble Writes on the x8): When LOW, these inputs cause their
respective Bytes to be registered and written if W# had initiated a WRITE cycle. These signals
must meet setup and hold times around the rising edges of K and K# for each of the two
rising edges comprising the WRITE cycle. See Ball Assignment figures for signal to data
relationships.
K
K#
Input
Input Clock: This input clock pair registers address and control inputs on the rising edge of K,
and registers data on the rising edge of K and the rising edge of K#. K# is ideally 180 degrees
out of phase with K. All synchronous inputs must meet setup and hold times around the clock
rising edges.
C
C#
Input
Output Clock: This clock pair provides a user-controlled means of tuning device output data.
The rising edge of C is used as the output timing reference for second output data. The rising
edge of C# is used as the output reference for first output data. Ideally, C# is 180 degrees out
of phase with C. C and C# may be tied HIGH to force the use of K and K# as the output
reference clocks instead of having to provide C and C# clocks. If tied HIGH, these inputs may
not be allowed to toggle during device operation.
TMS
TDI
Input
IEEE 1149.1 Test Inputs: 1.8V I/O levels. These balls may be left as No Connects if the JTAG
function is not used in the circuit.
TCK
Input
IEEE 1149.1 Clock Input: 1.8V I/O levels. This ball must be tied to VSS if the JTAG function is not
used in the circuit.
VREF
Input
HSTL Input Reference Voltage: Nominally VDDQ/2, but may be adjusted to improve system
noise margin. Provides a reference voltage for the HSTL input buffer trip point.
ZQ
Input
Output Impedance Matching Input: This input is used to tune the device outputs to the
system data bus impedance. DQ output impedance is set to 0.2 x RQ, where RQ is a resistor
from this ball to ground. Alternately, this ball can be connected directly to VDDQ to enable
the minimum impedance mode. This ball cannot be connected directly to GND or left
unconnected.
DLL#
Input
DLL Disable: When LOW, this input causes the DLL to be bypassed for stable, low-frequency
operation.
D_
Input
Synchronous Data Inputs: Input data must meet setup and hold times around the rising edges
of K and K# during WRITE operations. See Ball Assignment figures for ball site location of
individual signals. The x8 device uses D0-D7. Remaining signals are NC. The x9 device uses D0-
D8. Remaining signals are NC. The x18 device uses D0–D17. Remaining signals are NC. The x36
device uses D0–D35. Remaining signals are NC.
CQ#, CQ
Output
Synchronous Echo Clock Outputs: The edges of these outputs are tightly matched to the
synchronous data outputs and can be used as data valid indication. These signals run freely
and do not stop when Q tri-states.
TDO
Output
IEEE 1149.1 Test Output: 1.8V I/0 level.


Similar Part No. - MT54W1MH36B

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT540-CUR MARKTECH-MT540-CUR Datasheet
42Kb / 1P
   T-1 3/4 TAPERED ULTRA BRIGHT LED LAMPS?
MT540-HR-A MARKTECH-MT540-HR-A Datasheet
169Kb / 3P
   Standard LEDs
MT540-R2 MARKTECH-MT540-R2 Datasheet
28Kb / 1P
   T-1 3/4 LOW CURRENT SERIES
MT540-UG MARKTECH-MT540-UG Datasheet
42Kb / 1P
   T-1 3/4 TAPERED ULTRA BRIGHT LED LAMPS?
MT540-UG2 MARKTECH-MT540-UG2 Datasheet
28Kb / 1P
   T-1 3/4 LOW CURRENT SERIES
More results

Similar Description - MT54W1MH36B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q2A7236ABB RENESAS-R1Q2A7236ABB_15 Datasheet
823Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A7236ABG RENESAS-R1Q2A7236ABG_15 Datasheet
825Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A3636B RENESAS-R1Q2A3636B Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB_15 Datasheet
881Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A7236ABB RENESAS-R1Q3A7236ABB_15 Datasheet
831Kb / 36P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1QAA7236ABG RENESAS-R1QAA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A7236ABG RENESAS-R1Q3A7236ABG_15 Datasheet
828Kb / 36P
   72-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com