Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V561620CT-P Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HY57V561620CT-P
Description  4 Banks x 4M x 16Bit Synchronous DRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V561620CT-P Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HY57V561620CT-P Datasheet HTML 3Page - Hynix Semiconductor HY57V561620CT-P Datasheet HTML 4Page - Hynix Semiconductor HY57V561620CT-P Datasheet HTML 5Page - Hynix Semiconductor HY57V561620CT-P Datasheet HTML 6Page - Hynix Semiconductor HY57V561620CT-P Datasheet HTML 7Page - Hynix Semiconductor HY57V561620CT-P Datasheet HTML 8Page - Hynix Semiconductor HY57V561620CT-P Datasheet HTML 9Page - Hynix Semiconductor HY57V561620CT-P Datasheet HTML 10Page - Hynix Semiconductor HY57V561620CT-P Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HY57V561620C(L)T(P)
Rev. 0.5 / June 2004
7
AC CHARACTERISTICS I (AC operating conditions unless otherwise noted)
Note :
1.Assume tR / tF (input rise and fall time ) is 1ns
2.Access times to be measured with input signals of 1v/ns edge rate
Parameter
Symbol
-6
-7
-K
-H
-8
-P
-S
Unit Note
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
System Clock
Cycle Time
CAS Latency = 3
tCK3
6
1000
7
1000
7.5
1000
7.5
1000
8
1000
10
1000
10
1000
ns
CAS Latency = 2
tCK2
7.5
10
7.5
10
10
10
12
ns
Clock High Pulse Width
tCHW
2.5
-
2.5
-
2.5
-
2.5
-
3
-
3
-
3
-
ns
1
Clock Low Pulse Width
tCLW
2.5
-
2.5
-
2.5
-
2.5
-
3
-
3
-
3
-
ns
1
Access Time
From Clock
CAS Latency = 3
tAC3
-
5.4
-
5.4
-
5.4
-
5.4
-
6
-
6
-
6
ns
2
CAS Latency = 2
tAC2
-
6
-
6
-
5.4
-
6
-
6
-
6
-
6
ns
Data-Out Hold Time
tOH
2.7
-
2.7
-
2.7
-
2.7
-
3
-
3
-
3
-
ns
Data-Input Setup Time
tDS
1.5
-
1.5
-
1.5
-
1.5
-
2
-
2
-
2
-
ns
1
Data-Input Hold Time
tDH
0.8
-
0.8
-
0.8
-
0.8
-
1
-
1
-
1
-
ns
1
Address Setup Time
tAS
1.5
-
1.5
-
1.5
-
1.5
-
2
-
2
-
2
-
ns
1
Address Hold Time
tAH
0.8
-
0.8
-
0.8
-
0.8
-
1
-
1
-
1
-
ns
1
CKE Setup Time
tCKS
1.5
-
1.5
-
1.5
-
1.5
-
2
-
2
-
2
-
ns
1
CKE Hold Time
tCKH
0.8
-
0.8
-
0.8
-
0.8
-
1
-
1
-
1
-
ns
1
Command Setup Time
tCS
1.5
-
1.5
-
1.5
-
1.5
-
2
-
2
-
2
-
ns
1
Command Hold Time
tCH
0.8
-
0.8
-
0.8
-
0.8
-
1
-
1
-
1
-
ns
1
CLK to Data Output in Low-Z Time
tOLZ
1
-
1
-
1
-
1
-
1
-
1
-
1
-
ns
CLK to Data
Output in High-Z
Time
CAS Latency = 3
tOHZ3
2.7
5.4
2.7
5.4
2.7
5.4
2.7
5.4
3
6
3636
ns
CAS Latency = 2
tOHZ2
2.7
5.4
2.7
5.4
2.7
5.4
3
6
3
6
3636
ns


Similar Part No. - HY57V561620CT-P

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V561620 HYNIX-HY57V561620 Datasheet
151Kb / 13P
   4Banks x 4M x 16Bit Synchronous DRAM
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-6I HYNIX-HY57V561620BLT-6I Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-8I HYNIX-HY57V561620BLT-8I Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-HI HYNIX-HY57V561620BLT-HI Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
More results

Similar Description - HY57V561620CT-P

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S561632C SAMSUNG-K4S561632C Datasheet
116Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM
K4S561632A SAMSUNG-K4S561632A Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D SAMSUNG-K4S561632D Datasheet
60Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632B SAMSUNG-K4S561632B Datasheet
131Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC75000 SAMSUNG-K4S561632D-TC75000 Datasheet
64Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V651620B HYNIX-HY57V651620B Datasheet
81Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
List of Unclassifed Man...
TBS6416B4E ETC2-TBS6416B4E Datasheet
225Kb / 8P
   1M x 16Bit x 4 Banks synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com