Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V561620CTP-P Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY57V561620CTP-P
Description  4 Banks x 4M x 16Bit Synchronous DRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V561620CTP-P Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY57V561620CTP-P Datasheet HTML 4Page - Hynix Semiconductor HY57V561620CTP-P Datasheet HTML 5Page - Hynix Semiconductor HY57V561620CTP-P Datasheet HTML 6Page - Hynix Semiconductor HY57V561620CTP-P Datasheet HTML 7Page - Hynix Semiconductor HY57V561620CTP-P Datasheet HTML 8Page - Hynix Semiconductor HY57V561620CTP-P Datasheet HTML 9Page - Hynix Semiconductor HY57V561620CTP-P Datasheet HTML 10Page - Hynix Semiconductor HY57V561620CTP-P Datasheet HTML 11Page - Hynix Semiconductor HY57V561620CTP-P Datasheet HTML 12Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HY57V561620C(L)T(P)
Rev. 0.5 / June 2004
9
IBIS SPECIFICATION
IOH Characteristics (Pull-up)
IOL Characteristics (Pull-down)
Voltage
100MHz
(Min)
100MHz
(Max)
66MHz
(Min)
(V)
I(mA)
I(mA)
I(mA)
3.45
-2.4
3.3
-27.3
3.0
0
-74.1
-0.7
2.6
-21.1
-129.2
-7.5
2.4
-34.1
-153.3
-13.3
2.0
-58.7
-197
-27.5
1.8
-67.3
-226.2
-35.5
1.65
-73
-248
-41.1
1.5
-77.9
-269.7
-47.9
1.4
-80.8
-284.3
-52.4
1.0
-88.6
-344.5
-72.5
0
-93
-502.4
-93
Voltage
100MHz
(Min)
100MHz
(Max)
66MHz
(Min)
(V)
I(mA)
I(mA)
I(mA)
0000
0.4
27.5
70.2
17.7
0.65
41.8
107.5
26.9
0.85
51.6
133.8
33.3
1.0
58.0
151.2
37.6
1.4
70.7
187.7
46.6
1.5
72.9
194.4
48.0
1.65
75.4
202.5
49.5
1.8
77.0
208.6
50.7
1.95
77.6
212.0
51.5
3.0
80.3
219.6
54.2
3.45
81.4
222.6
54.9
-600
-500
-400
-300
-200
-100
0
0
0.5
11.5
22.5
33.5
Voltage (V)
IOH Min (66MHz)
66MHz and 100MHz Pull-up
IOH Min (100MHz)
IOH Max (66 /100MHz)
0
50
100
150
200
250
00.5
11.5
2
2.5
33.5
Voltage (V)
66MHz and 100MHz Pull-down
IOL Min (100MHz)
IOL Min (66MHz)
IOL Max (100MHz)


Similar Part No. - HY57V561620CTP-P

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V561620 HYNIX-HY57V561620 Datasheet
151Kb / 13P
   4Banks x 4M x 16Bit Synchronous DRAM
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-6I HYNIX-HY57V561620BLT-6I Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-8I HYNIX-HY57V561620BLT-8I Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-HI HYNIX-HY57V561620BLT-HI Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
More results

Similar Description - HY57V561620CTP-P

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Samsung semiconductor
K4S561632C SAMSUNG-K4S561632C Datasheet
116Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM
K4S561632A SAMSUNG-K4S561632A Datasheet
127Kb / 10P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D SAMSUNG-K4S561632D Datasheet
60Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632B SAMSUNG-K4S561632B Datasheet
131Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S561632D-TC75000 SAMSUNG-K4S561632D-TC75000 Datasheet
64Kb / 11P
   256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V651620B HYNIX-HY57V651620B Datasheet
81Kb / 12P
   4 Banks x 1M x 16Bit Synchronous DRAM
logo
List of Unclassifed Man...
TBS6416B4E ETC2-TBS6416B4E Datasheet
225Kb / 8P
   1M x 16Bit x 4 Banks synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com