Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-52630NL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PE-52630NL
Description  STANDARD LOW POWER INDUCTORS / Switch Mode Power Converters & Ripple Filters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PE-52630NL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PE-52630NL Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REFERENCE OPERATING VALUES
DESIGN CONTROL VALUES
Low Profile 3
Vertical 3
Inductance
Maximum 2
Energy
Inductance
20kHz
Part
Part
Typical
IDC 1
ETOP
Storage
No DC
Test mV
DCR
Number
Number
(µH)
(AMPS)
(V-µSec)
(µJ)1
(µH ± 20%)
No DC
(
Ω MAX)
PE-52625NL
PE-52645NL
150
1.7
80
215
145
110
.42
PE-52626NL
PE-52646NL
220
1.5
90
240
226
140
.42
PE-52627NL
PE-52647NL
330
1.0
100
165
316
170
.78
PE-52628NL
PE-52648NL
470
.90
120
190
480
210
1.26
PE-52629NL
PE-52649NL
680
.85
175
245
690
250
1.50
PE-52630NL
PE-52650NL
820
.75
175
230
780
270
2.40
PE-52631NL
PE-52651NL
1000
.50
175
125
975
300
2.60
Unless otherwise specified, all tolerances are ± .010
0,25
20
10
0
-10
0
250
500
V-µsec.
Mechanicals
Inductance
Characteristics
inches
mm
Dimensions:
Inductance Variance vs. E.T.
Low Profile Package
Electrical Specifications @ 25°C — Operating Temperature -40°C to 130°C
Designed for general purpose use
High inductance stability with varying
volt-seconds and load currents
Compact, standard packages
Low profile or vertical packages
STANDARD LOW POWER
INDUCTORS
Switch Mode Power Converters & Ripple Filters
NOTES:
1. IDC rated for 40°C Temperature rise @ low ETOP.
2. Derate current 20% at this ETOP.
3. The Leaded version of these parts is available by removing the “NL” suffix when ordering.
PE-526XXNL
Date Code
Country of Origin
0
25 50 75 100 125
120
110
100
90
80
V-µsec.
Inductance Variance
vs. Load Current
.400
10,16
.070
1,78
.045
1,14
SUGGESTED PAD LAYOUT
.600
15,24
2
1
SCHEMATIC
.400
10,16
.510 MAX
12,95
SQ. PIN
2X
.025
0,63
.150 ± .020
3,81 0,51
.710 MAX
18,03
.710 MAX
18,03
.600
15,24
PE526XXNL
Date Code
Country of Origin
.460
MAX
11,68
.710
MAX
18,03
.710
MAX
18,03
.150
±
.020
3,81
0,51
.400
10,16
.150
3,81
SQ. PIN
2X
.025
0,63
.400
10,16
.600
15,24
2
1
SCHEMATIC
.400
10,16
.070
1,78
.045
1,14
SUGGESTED PAD LAYOUT
.600
15,24
Vertical Package
www.pulseeng.com
P587.B (1/06)
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA 92128
U.S.A.
www.pulseeng.com
TEL: 858 674 8100
FAX: 858 674 8262
Pulse
Northern Europe
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
Pulse
Southern Europe
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
3F-4, No. 81, Sec. 1
Hsin Tai Wu Road
Hsi-Chih
Taipei Hsien
Taiwan
TEL: 886 2 26980228
FAX: 886 2 26980948
Pulse
China Headquarters
No. 1
Industrial District
Changan, Dongguan
China
TEL: 86 769 5538070
FAX: 86 769 5538870
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2005. Pulse Engineering, Inc. All rights reserved.
Pulse North China
Room 1002
No. 819
Nanjing West Rd
Shanghai
China
TEL: 86 21 32181071
FAX: 86 21 32181396


Similar Part No. - PE-52630NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-52630NL PULSE-PE-52630NL Datasheet
67Kb / 1P
   STANDARD LOW POWER INDUCTORS Switch Mode Power Converters & Ripple Filters
PE-52630NL PULSE-PE-52630NL Datasheet
72Kb / 1P
   Switch Mode Power Converters & Ripple Filters
More results

Similar Description - PE-52630NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-52625NL PULSE-PE-52625NL Datasheet
67Kb / 1P
   STANDARD LOW POWER INDUCTORS Switch Mode Power Converters & Ripple Filters
PE-52647 PULSE-PE-52647 Datasheet
72Kb / 1P
   Switch Mode Power Converters & Ripple Filters
P587 PULSE-P587 Datasheet
72Kb / 1P
   Switch Mode Power Converters & Ripple Filters
PE-52649 PULSE-PE-52649 Datasheet
72Kb / 1P
   STANDARD LOW POWER INDUCTORS
logo
List of Unclassifed Man...
MT-51900 ETC-MT-51900 Datasheet
1Mb / 1P
   STANDARD LOW POWER INDUCTORS
logo
XFMRS Inc.
1XF0010-HO XFMRS-1XF0010-HO Datasheet
32Kb / 2P
   EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
1XF0050-HO XFMRS-1XF0050-HO Datasheet
32Kb / 2P
   EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
1XF0250-HO XFMRS-1XF0250-HO Datasheet
32Kb / 2P
   EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
1XF0025-HO XFMRS-1XF0025-HO Datasheet
32Kb / 2P
   EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
1XF0025-VO XFMRS-1XF0025-VO Datasheet
32Kb / 2P
   EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com