Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT54W2MH18BF-5 Datasheet(PDF) 4 Page - Micron Technology

Part # MT54W2MH18BF-5
Description  36Mb QDR?줚I SRAM 2-WORD BURST
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT54W2MH18BF-5 Datasheet(HTML) 4 Page - Micron Technology

  MT54W2MH18BF-5 Datasheet HTML 1Page - Micron Technology MT54W2MH18BF-5 Datasheet HTML 2Page - Micron Technology MT54W2MH18BF-5 Datasheet HTML 3Page - Micron Technology MT54W2MH18BF-5 Datasheet HTML 4Page - Micron Technology MT54W2MH18BF-5 Datasheet HTML 5Page - Micron Technology MT54W2MH18BF-5 Datasheet HTML 6Page - Micron Technology MT54W2MH18BF-5 Datasheet HTML 7Page - Micron Technology MT54W2MH18BF-5 Datasheet HTML 8Page - Micron Technology MT54W2MH18BF-5 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4 MEG x 8, 4 MEG x 9, 2 MEG x 18, 1 MEG x 36
1.8V VDD, HSTL, QDRIIb2 SRAM
ADVANCE
36Mb: 1.8V VDD, HSTL, QDRIIb2 SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT54W2MH18B_A.fm - Rev 9/02
4
©2002, Micron Technology Inc.
CLOCK CONSIDERATIONS
This device utilizes internal delay-locked loops for
maximum output data valid window. It can be placed
into a stopped-clock state to minimize power with a
modest restart time of 1,024 clock cycles. Circuitry
automatically resets the DLL when the absence of
input clock is detected. See Micron Technical Note TN-
54-02 for more information on clock DLL start-up pro-
cedures.
SINGLE CLOCK MODE
The SRAM can be used with the single K, K# clock
pair by tying C and C# HIGH. In this mode, the SRAM
will use K and K# in place of C and C#. This mode pro-
vides the most rapid data output but does not com-
pensate for system clock skew and flight times.
DEPTH EXPANSION
Port select inputs are provided for the read and
write ports. This allows for easy depth expansion. Both
port selects are sampled on the rising edge of K only.
Each port can be independently selected and dese-
lected and does not affect the operation of the oppo-
site port. All pending transactions are completed prior
to a port deselecting. Depth expansion requires repli-
cating R# and W# control signals for each bank if it is
desired to have the bank independent of READ and
WRITE operations.


Similar Part No. - MT54W2MH18BF-5

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT540-CUR MARKTECH-MT540-CUR Datasheet
42Kb / 1P
   T-1 3/4 TAPERED ULTRA BRIGHT LED LAMPS?
MT540-HR-A MARKTECH-MT540-HR-A Datasheet
169Kb / 3P
   Standard LEDs
MT540-R2 MARKTECH-MT540-R2 Datasheet
28Kb / 1P
   T-1 3/4 LOW CURRENT SERIES
MT540-UG MARKTECH-MT540-UG Datasheet
42Kb / 1P
   T-1 3/4 TAPERED ULTRA BRIGHT LED LAMPS?
MT540-UG2 MARKTECH-MT540-UG2 Datasheet
28Kb / 1P
   T-1 3/4 LOW CURRENT SERIES
More results

Similar Description - MT54W2MH18BF-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q2A7236ABB RENESAS-R1Q2A7236ABB_15 Datasheet
823Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A7236ABG RENESAS-R1Q2A7236ABG_15 Datasheet
825Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A3636B RENESAS-R1Q2A3636B Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB_15 Datasheet
881Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A7236ABB RENESAS-R1Q3A7236ABB_15 Datasheet
831Kb / 36P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1QAA7236ABG RENESAS-R1QAA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A7236ABG RENESAS-R1Q3A7236ABG_15 Datasheet
828Kb / 36P
   72-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com