Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTD113ZU Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTD113ZU
Description  NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTD113ZU Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTD113ZU Datasheet HTML 1Page - Diodes Incorporated DDTD113ZU Datasheet HTML 2Page - Diodes Incorporated DDTD113ZU Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30382 Rev. 2 - 2
2 of 3
DDTD (xxxx) U
www.diodes.com
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DDTD113EU
DDTD123EU
DDTD143EU
DDTD114EU
DDTD122JU
DDTD113ZU
DDTD123YU
DDTD133HU
Vl(off)
0.5
0.5
0.5
0.5
0.5
0.3
0.3
0.3
¾¾
V
VCC = 5V, IO = 100
mA
DDTD113EU
DDTD123EU
DDTD143EU
DDTD114EU
DDTD122JU
DDTD113ZU
DDTD123YU
DDTD133HU
Vl(on)
¾¾
3.0
3.0
3.0
3.0
3.0
2.0
2.0
2.0
V
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 10mA
VO = 0.3V, IO = 30mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 20mA
Output Voltage
VO(on)
¾¾
0.3V
V
IO/Il = 50mA/2.5mA
Input Current
DDTD113EU
DDTD123EU
DDTD143EU
DDTD114EU
DDTD122JU
DDTD113ZU
DDTD123YU
DDTD133HU
Il
¾¾
7.2
3.8
1.8
0.88
28
7.2
3.6
2.4
mA
VI = 5V
Output Current
IO(off)
¾¾
0.5
mA
VCC = 50V, VI = 0V
DC Current Gain
DDTD113EU
DDTD123EU
DDTD143EU
DDTD114EU
DDTD122JU
DDTD113ZU
DDTD123YU
DDTD133HU
Gl
33
39
47
56
47
56
56
56
¾¾
¾
VO = 5V, IO = 50mA
Gain-Bandwidth Product*
fT
¾
200
¾
MHz
VCE = 10V, IE = 5mA,
f = 100MHz
Electrical Characteristics
R1, R2 Types
@ TA = 25
°C unless otherwise specified
* Transistor - For Reference Only
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
¾¾
V
IC = 50
mA
Collector-Emitter Breakdown Voltage
BVCEO
40
¾¾
V
IC = 1mA
Emitter-Base Breakdown Voltage
DDTD123TU
DDTD143TU
DDTD114TU
DDTD114GU
BVEBO
5
¾
¾
V
IE = 50
mA
IE = 50
mA
IE = 50
mA
IE = 720
mA
Collector Cutoff Current
ICBO
¾¾
0.5
mA
VCB = 50V
Emitter Cutoff Current
DDTD123TU
DDTD143TU
DDTD114TU
DDTD114GU
IEBO
¾
¾
¾
300
¾
0.5
0.5
0.5
580
mA
VEB = 4V
Collector-Emitter Saturation Voltage
VCE(sat)
¾¾
0.3
V
IC = 50mA, IB = 2.5mA
DC Current Transfer Ratio
DDTD123TU
DDTD143TU
DDTD114TU
DDTD114GU
hFE
100
100
100
56
250
250
250
¾
600
600
600
¾
¾
IC = 5mA, VCE = 5V
Gain-Bandwidth Product*
fT
¾
200
¾
MHz
VCE = 10V, IE = -5mA,
f = 100MHz
* Transistor - For Reference Only
Electrical Characteristics
R1-Only, R2-Only Types
@ TA = 25
°C unless otherwise specified


Similar Part No. - DDTD113ZU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTD113ZU DIODES-DDTD113ZU Datasheet
115Kb / 3P
   NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30382 Rev. 7 - 2
More results

Similar Description - DDTD113ZU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTDXXXXU DIODES-DDTDXXXXU Datasheet
69Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 2 - 2
DDTD122LU DIODES-DDTD122LU_1 Datasheet
79Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 5 - 2
DDTB122LU DIODES-DDTB122LU_1 Datasheet
79Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 5 - 2
DDTB113EU DIODES-DDTB113EU Datasheet
76Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30383 Rev. 5 - 2
DDTBXXXXU DIODES-DDTBXXXXU Datasheet
67Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 2 - 2
DDTB122LU DIODES-DDTB122LU Datasheet
70Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 2 - 2
DDTCXXXXU DIODES-DDTCXXXXU Datasheet
68Kb / 3P
   NPN PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30401 Rev. 2 - 2
DDTC122LU DIODES-DDTC122LU_1 Datasheet
78Kb / 3P
   NPN PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30401 Rev. 5 - 2
DDTDXXXXC DIODES-DDTDXXXXC Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30399 Rev. 2 - 2
DDTD122LC DIODES-DDTD122LC Datasheet
75Kb / 3P
   NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30399 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com