Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTD113ZU Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DDTD113ZU
Description  NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTD113ZU Datasheet(HTML) 3 Page - Diodes Incorporated

  DDTD113ZU Datasheet HTML 1Page - Diodes Incorporated DDTD113ZU Datasheet HTML 2Page - Diodes Incorporated DDTD113ZU Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30382 Rev. 2 - 2
3 of 3
DDTD (xxxx) U
www.diodes.com
XXX = Product Type Marking Code
See Sheet 1 Diagrams
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
XXX
Marking Information
Notes:
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
3. For Lead Free version (with Lead Free terminal finish) part number, please add "-F" suffix to part number above.
Example: DDTD114GU-7-F.
Device
Packaging
Shipping
DDTD113EU-7
SOT-323
3000/Tape & Reel
DDTD123EU-7
SOT-323
3000/Tape & Reel
DDTD143EU-7
SOT-323
3000/Tape & Reel
DDTD114EU-7
SOT-323
3000/Tape & Reel
DDTD122JU-7
SOT-323
3000/Tape & Reel
DDTD113ZU-7
SOT-323
3000/Tape & Reel
DDTD123YU-7
SOT-323
3000/Tape & Reel
DDTD133HU-7
SOT-323
3000/Tape & Reel
DDTD123TU-7
SOT-323
3000/Tape & Reel
DDTD143TU-7
SOT-323
3000/Tape & Reel
DDTD114TU-7
SOT-323
3000/Tape & Reel
DDTD114GU-7
SOT-323
3000/Tape & Reel
Ordering Information (Note 2)
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
NP
R
S
T
UV
W
Date Code Key


Similar Part No. - DDTD113ZU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTD113ZU DIODES-DDTD113ZU Datasheet
115Kb / 3P
   NPN PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR
DS30382 Rev. 7 - 2
More results

Similar Description - DDTD113ZU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTDXXXXU DIODES-DDTDXXXXU Datasheet
69Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 2 - 2
DDTD122LU DIODES-DDTD122LU_1 Datasheet
79Kb / 3P
   NPN PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30398 Rev. 5 - 2
DDTB122LU DIODES-DDTB122LU_1 Datasheet
79Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 5 - 2
DDTB113EU DIODES-DDTB113EU Datasheet
76Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30383 Rev. 5 - 2
DDTBXXXXU DIODES-DDTBXXXXU Datasheet
67Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 2 - 2
DDTB122LU DIODES-DDTB122LU Datasheet
70Kb / 3P
   PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30400 Rev. 2 - 2
DDTCXXXXU DIODES-DDTCXXXXU Datasheet
68Kb / 3P
   NPN PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30401 Rev. 2 - 2
DDTC122LU DIODES-DDTC122LU_1 Datasheet
78Kb / 3P
   NPN PRE-BIASED 100 mA SOT-323 SURFACE MOUNT TRANSISTOR
DS30401 Rev. 5 - 2
DDTDXXXXC DIODES-DDTDXXXXC Datasheet
66Kb / 3P
   NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30399 Rev. 2 - 2
DDTD122LC DIODES-DDTD122LC Datasheet
75Kb / 3P
   NPN PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR
DS30399 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com