Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT823 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ABT823
Description  9-bit D-type flip-flop with reset and enable 3-State
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT823 Datasheet(HTML) 5 Page - NXP Semiconductors

  74ABT823 Datasheet HTML 1Page - NXP Semiconductors 74ABT823 Datasheet HTML 2Page - NXP Semiconductors 74ABT823 Datasheet HTML 3Page - NXP Semiconductors 74ABT823 Datasheet HTML 4Page - NXP Semiconductors 74ABT823 Datasheet HTML 5Page - NXP Semiconductors 74ABT823 Datasheet HTML 6Page - NXP Semiconductors 74ABT823 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
74ABT823
9-bit D-type flip-flop with reset and enable
(3-State)
1995 Sep 06
5
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to +85oC
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Min
ts(H)
ts(L)
Setup time, High or Low
Dn to CP
3
2.1
2.1
0.5
0.2
2.1
2.1
ns
th(H)
th(L)
Hold time, High or Low
Dn to CP
3
1.3
1.3
0.0
–0.3
1.3
1.3
ns
tw(H)
tw(L)
CP pulse width
High or Low
1
2.9
3.8
1.9
2.8
2.9
3.8
ns
ts(H)
ts(L)
Setup time, High or Low
CE to CP
3
2.0
3.3
–0.5
1.5
2.0
3.3
ns
th(H)
th(L)
Hold time, High or Low
CE to CP
3
1.0
2.0
–1.4
0.7
1.0
2.0
ns
tw(L)
MR pulse width, Low
2
5.5
4.0
5.5
ns
trec
Recovery time
MR to CP
2
2.5
0.6
2.5
ns


Similar Part No. - 74ABT823

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
74ABT823D NXP-74ABT823D Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
74ABT823DB NXP-74ABT823DB Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
74ABT823PW NXP-74ABT823PW Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
More results

Similar Description - 74ABT823

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
   Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
logo
Nexperia B.V. All right...
74ALVT16823 NEXPERIA-74ALVT16823 Datasheet
263Kb / 16P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 6 - 20 October 2020
logo
NXP Semiconductors
74ALVT16823 PHILIPS-74ALVT16823 Datasheet
99Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
74ALVCH16823 PHILIPS-74ALVCH16823 Datasheet
103Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
logo
NXP Semiconductors
74ABT16823A PHILIPS-74ABT16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ALVT162823 PHILIPS-74ALVT162823 Datasheet
103Kb / 14P
   18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
logo
Nexperia B.V. All right...
74ALVT162823 NEXPERIA-74ALVT162823 Datasheet
226Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com