Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT54W1MH36B-4 Datasheet(PDF) 10 Page - Micron Technology

Part # MT54W1MH36B-4
Description  36Mb QDR?줚I SRAM 2-WORD BURST
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT54W1MH36B-4 Datasheet(HTML) 10 Page - Micron Technology

Back Button MT54W1MH36B-4 Datasheet HTML 6Page - Micron Technology MT54W1MH36B-4 Datasheet HTML 7Page - Micron Technology MT54W1MH36B-4 Datasheet HTML 8Page - Micron Technology MT54W1MH36B-4 Datasheet HTML 9Page - Micron Technology MT54W1MH36B-4 Datasheet HTML 10Page - Micron Technology MT54W1MH36B-4 Datasheet HTML 11Page - Micron Technology MT54W1MH36B-4 Datasheet HTML 12Page - Micron Technology MT54W1MH36B-4 Datasheet HTML 13Page - Micron Technology MT54W1MH36B-4 Datasheet HTML 14Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
4 MEG x 8, 4 MEG x 9, 2 MEG x 18, 1 MEG x 36
1.8V VDD, HSTL, QDRIIb2 SRAM
ADVANCE
36Mb: 1.8V VDD, HSTL, QDRIIb2 SRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT54W2MH18B_A.fm - Rev 9/02
10
©2002, Micron Technology Inc.
Q_
Output
Synchronous Data Outputs: Output data is synchronized to the respective C and C# or to K
and K# rising edges if C and C# are tied HIGH. This bus operates in response to R# commands.
See Ball Assignment figures for ball site location of individual signals. The x8 device uses D0-
D7. The x9 device uses D0-D8. The x18 device uses Q0–Q17. Remaining signals are NC. The x36
device uses Q0–Q35. Remaining signals are NC.
VDD
Supply
Power Supply: 1.8V nominal. See DC Electrical Characteristics and Operating Conditions for
range.
VDDQ
Supply
Power Supply: Isolated Output Buffer Supply. Nominally 1.5V. 1.8V is also permissible. See DC
Electrical Characteristics and Operating Conditions for range.
VSS
Supply
Power Supply: GND.
NC
No Connect: These signals are not internally connected and may be connected to ground to
improve package heat dissipation.
FBGA BALL DESCRIPTIONS (continued)
SYMBOL
TYPE
DESCRIPTION


Similar Part No. - MT54W1MH36B-4

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT540-CUR MARKTECH-MT540-CUR Datasheet
42Kb / 1P
   T-1 3/4 TAPERED ULTRA BRIGHT LED LAMPS?
MT540-HR-A MARKTECH-MT540-HR-A Datasheet
169Kb / 3P
   Standard LEDs
MT540-R2 MARKTECH-MT540-R2 Datasheet
28Kb / 1P
   T-1 3/4 LOW CURRENT SERIES
MT540-UG MARKTECH-MT540-UG Datasheet
42Kb / 1P
   T-1 3/4 TAPERED ULTRA BRIGHT LED LAMPS?
MT540-UG2 MARKTECH-MT540-UG2 Datasheet
28Kb / 1P
   T-1 3/4 LOW CURRENT SERIES
More results

Similar Description - MT54W1MH36B-4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q2A7236ABB RENESAS-R1Q2A7236ABB_15 Datasheet
823Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A7236ABG RENESAS-R1Q2A7236ABG_15 Datasheet
825Kb / 36P
   72-Mbit QDR?줚I SRAM 2-word Burst
R1Q2A3636B RENESAS-R1Q2A3636B Datasheet
339Kb / 26P
   36-Mbit QDR?줚I SRAM 2-word Burst
R1QGA7236ABB RENESAS-R1QGA7236ABB_15 Datasheet
881Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A7236ABB RENESAS-R1Q3A7236ABB_15 Datasheet
831Kb / 36P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1QAA7236ABG RENESAS-R1QAA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A3636B RENESAS-R1Q3A3636B Datasheet
231Kb / 27P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA3636CBB RENESAS-R1QGA3636CBB_15 Datasheet
307Kb / 38P
   36-Mbit QDR?줚I SRAM 4-word Burst
R1QGA7236ABG RENESAS-R1QGA7236ABG_15 Datasheet
883Kb / 39P
   72-Mbit QDR?줚I SRAM 4-word Burst
R1Q3A7236ABG RENESAS-R1Q3A7236ABG_15 Datasheet
828Kb / 36P
   72-Mbit QDR?줚I SRAM 4-word Burst
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com