Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H6968CTS Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # H6968CTS
Description  Dual N-Channel Enhancement-Mode MOSFET (20V, 6.5A) Battery Switch, ESD Protected)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H6968CTS Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  H6968CTS Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H6968CTS Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H6968CTS Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H6968CTS Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200610
Issued Date : 2006.06.01
Revised Date : 2006.06.28
Page No. : 2/4
H6968CTS
HSMC Product Specification
Electrical Characteristics (T
A=25°C, unless otherwise noted)
Symbol
Characteristic
Test Conditions
Min.
Typ.
Max.
Unit
• Static
BV
DSS
Drain-Source Breakdown Voltage
V
GS=0V, ID=250uA
20
-
-
V
V
GS=2.5V, ID=5.5A
-
24
32
R
DS(on)
Drain-Source On-State Resistance
V
GS=4.5V, ID=6.5A
-
20
24
m
V
GS(th)
Gate Threshold Voltage
V
DS=VGS, ID=250uA
0.6
-
1.6
V
I
DSS
Zero Gate Voltage Drain Current
V
DS=16V, VGS=0V
-
-
1
uA
I
GSS
Gate-Body Leakage Current
V
GS=±4.5V, VDS=0V
--
±200
nA
g
FS
Forward Transconductance
V
DS=10V, ID=6.5A
-
30
-
S
• Dynamic
Q
g
Total Gate Charge
-
9
-
Q
gs
Gate-Source Charge
-
2.4
-
Q
gd
Gate-Drain Charge
V
DS=10V, ID=6A, VGS=4.5V
-3.6
-
nC
C
iss
Input Capacitance
-
476
-
C
oss
Output Capacitance
-
65.1
-
C
rss
Reverse Transfer Capacitance
V
DS=10V, VGS=0V, f=1MHz
-49
-
pF
t
d(on)
Turn-on Delay Time
-
50
-
t
r
Turn-on Rise Time
-
100
-
t
d(off)
Turn-off Delay Time
-
500
-
t
f
Turn-off Fall Time
V
DD=10V, ID=1A, VGS=4.5V
R
GEN=6Ω
-
200
-
ns
• Drain-Source Diode Characteristics
I
S
Maximum Diode Forward Current
-
-
1.7
A
V
SD
Drain-Source Diode Forward Voltage
V
GS=0V, IS=1.5A
-
0.61
1.2
V
Note: Pulse Test: Pulse Width
≤300us, Duty Cycle≤2%
G
S
D
R
D
V
DD
V
OUT
V
IN
R
G
V
GEN
Switching
Test Circuit
t
d(on)
t
on
t
r
90%
10%
50%
10%
Input, V
IN
Output, V
OUT
t
d(off)
t
off
t
f
90%
10%
Inverted
90%
50%
Pulse Width
Switching
Waveforms


Similar Part No. - H6968CTS

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H6968CS HSMC-H6968CS Datasheet
47Kb / 4P
   Dual N-Channel Enhancement-Mode MOSFET (20V, 6.5A) (Battery Switch, ESD Protected)
More results

Similar Description - H6968CTS

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H6968S HSMC-H6968S Datasheet
47Kb / 4P
   Dual N-Channel Enhancement-Mode MOSFET (20V, 6.5A) (Battery Switch, ESD Protected)
logo
Pan Jit International I...
PJS6830 PANJIT-PJS6830 Datasheet
426Kb / 6P
   20V Dual N-Channel Enhancement Mode MOSFET – ESD Protected
January 20,2022 PJS6830-REV.01
PJT7802 PANJIT-PJT7802 Datasheet
201Kb / 6P
   20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3430-AU PANJIT-PJA3430-AU Datasheet
659Kb / 6P
   20V N-Channel Enhancement Mode MOSFET – ESD Protected
June 1,2021 PJA3430-AU-REV.00
PJT7800 PANJIT-PJT7800_15 Datasheet
357Kb / 6P
   20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJC7404 PANJIT-PJC7404 Datasheet
358Kb / 6P
   20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7800 PANJIT-PJT7800 Datasheet
300Kb / 6P
   20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8806 PANJIT-PJX8806 Datasheet
328Kb / 6P
   20V N-Channel Enhancement Mode MOSFET . ESD Protected
PJE8402 PANJIT-PJE8402 Datasheet
341Kb / 6P
   20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3420E PANJIT-PJA3420E Datasheet
306Kb / 6P
   20V N-Channel Enhancement Mode MOSFET– ESD Protected
July 15,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com