Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLB120S Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # HLB120S
Description  NPN Triple Diffused Planar Type High Voltage Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HLB120S Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  HLB120S Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HLB120S Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HLB120S Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HLB120S Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HA200204
Issued Date : 2002.02.01
Revised Date : 2005.02.05
Page No. : 3/4
HLB120S
HSMC Product Specification
TO-92 Dimension
TO-92 Taping Dimension
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC.
• HSMC reserves the right to make changes to its products without notice.
• HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
• Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C.
Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454
• Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C
Tel: 886-3-5983621~5 Fax: 886-3-5982931
3
1
A
D
B
C
I
α1
E
α2
α3
G
H
2
F
H2A
H2A
H2
H2
D2
A
H
W
W1
H3
H4
H1
L1
L
P2
P
P1
F1F2
D1
D
T2
T
T1
DIM
Min.
Max.
A
4.33
4.83
B
4.33
4.83
C
12.70
-
D
0.36
0.56
E-
*1.27
F
3.36
3.76
G
0.36
0.56
H-
*2.54
I-
*1.27
α1
-
*5
°
α2
-
*2
°
α3
-
*2
°
*: Typical, Unit: mm
3-Lead TO-92 Plastic Package
HSMC Package Code: A
DIM
Min.
Max.
A
4.33
4.83
D
3.80
4.20
D1
0.36
0.53
D2
4.33
4.83
F1,F2
2.40
2.90
H
15.50
16.50
H1
8.50
9.50
H2
-
1
H2A
-
1
H3
-
27
H4
-
21
L-
11
L1
2.50
-
P
12.50
12.90
P1
5.95
6.75
P2
50.30
51.30
T
-
0.55
T1
-
1.42
T2
0.36
0.68
W
17.50
19.00
W1
5.00
7.00
Unit: mm
Marking:
Pb Free Mark
Pb-Free: "
. " (Note)
Normal: None
Control Code
Date Code
HB
12 0
L
S
Note: Green label is used for pb-free packing
Pin Style: 1.Emitter 2.Collector 3.Base
Material:
• Lead solder plating: Sn60/Pb40 (Normal),
Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free)
• Mold Compound: Epoxy resin family,
flammability solid burning class: UL94V-0


Similar Part No. - HLB120S

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HLB120A HSMC-HLB120A Datasheet
31Kb / 3P
   NPN Triple Diffused Planar Type High Voltage Transistors
More results

Similar Description - HLB120S

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HLB1211 HSMC-HLB1211 Datasheet
31Kb / 3P
   NPN Triple Diffused Planar Type High Voltage Transistors?
HLB122I HSMC-HLB122I Datasheet
34Kb / 4P
    NPN Triple Diffused Planar Type High Voltage Transistors
HLB120A HSMC-HLB120A Datasheet
31Kb / 3P
   NPN Triple Diffused Planar Type High Voltage Transistors
HLB122J HSMC-HLB122J Datasheet
34Kb / 4P
   NPN Triple Diffused Planar Type High Voltage Transistor
logo
Unisonic Technologies
ULB121 UTC-ULB121_15 Datasheet
185Kb / 4P
   NPN TRIPLE DIFFUSED PLANAR TYPE HIGH VOLTAGE TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HLB121I HSMC-HLB121I Datasheet
44Kb / 4P
   NPN TRIPLE DIFFUSED PLANAR TYPE HIGH VOLTAGE TRANSISTOR
logo
Unisonic Technologies
HLB122 UTC-HLB122 Datasheet
130Kb / 3P
   NPN TRIPLE DIFFUSED PLANAR TYPE HIGH VOLTAGE TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HLB121D HSMC-HLB121D Datasheet
41Kb / 4P
   NPN Triple Diffused Planar Type High Voltage Transistor
HLB122T HSMC-HLB122T Datasheet
34Kb / 3P
   NPN Triple Diffused Planar Type High Voltage Transistor
HLB122D HSMC-HLB122D Datasheet
40Kb / 4P
   NPN Triple Diffused Planar Type High Voltage Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com