Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT841 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ABT841
Description  10-bit bus interface latch 3-State
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT841 Datasheet(HTML) 4 Page - NXP Semiconductors

  74ABT841 Datasheet HTML 1Page - NXP Semiconductors 74ABT841 Datasheet HTML 2Page - NXP Semiconductors 74ABT841 Datasheet HTML 3Page - NXP Semiconductors 74ABT841 Datasheet HTML 4Page - NXP Semiconductors 74ABT841 Datasheet HTML 5Page - NXP Semiconductors 74ABT841 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
74ABT841
10-bit bus interface latch (3-State)
4
1995 Sep 06
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
Min
Typ
Max
Min
Max
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
3.5
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
4.0
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.6
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.42
0.55
0.55
V
VRST
Power-up output low
voltage3
VCC = 5.5V; IO = 1mA; VI = GND or VCC
0.13
0.55
0.55
V
II
Input leakage
Control pins
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
current
Data pins
VCC = 5.5V; VI = GND or 5.5V
±5
±100
±100
µA
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
±5.0
±100
±100
µA
IPU/PD
Power-up/down 3–state
output current4
VCC = 2.0V; VO = 0.5V; VI = GND or VCC;
V OE = VCC
±5.0
±50
±50
µA
IIH + IOZH
3-State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
5.0
50
50
µA
IIL + IOZL
3-State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–5.0
–50
–50
µA
ICEX
Output high leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
5.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–100
–180
–50
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
0.5
250
250
µA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
25
38
38
mA
ICCZ
VCC = 5.5V; Outputs 3–State;
VI = GND or VCC
0.5
250
250
µA
∆I
Additional supply current per
One input at 3.4V, other inputs at VCC or
05
15
15
A
∆ICC
Additional supply current per
input pin2
One input at 3.4V, other inputs at VCC or
GND; VCC =5 5V
0.5
1.5
1.5
mA
∆ICC
input pin2
GND; VCC = 5.5V
0.5
1.5
1.5
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power.
4. This parameter is valid for any VCC between 0V and 2.1V with a transition time of up to 10msec. For VCC = 2.1V to VCC = 5V " 10%, a
transition time of up to 100
µsec is permitted.
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to
+85oC
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation delay
Dn to Qn
2
2.1
2.0
4.1
4.0
5.5
5.5
2.1
2.0
6.2
6.2
ns
tPLH
tPHL
Propagation delay
LE to Qn
1
2.1
2.8
4.1
4.6
5.9
6.2
2.1
2.8
6.5
6.7
ns
tPZH
tPZL
Output enable time
to High and Low level
4
5
1.0
2.2
3.0
4.1
4.5
5.6
1.0
2.2
5.3
6.3
ns
tPHZ
tPLZ
Output disable time
from High and Low level
4
5
2.7
2.8
4.7
4.6
6.2
6.1
2.7
2.8
7.1
6.5
ns


Similar Part No. - 74ABT841

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
74ABT841D NXP-74ABT841D Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
74ABT841DB NXP-74ABT841DB Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
74ABT841PW NXP-74ABT841PW Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
More results

Similar Description - 74ABT841

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT841 NXP-74ABT841 Datasheet
304Kb / 15P
   10-bit bus interface latch; 3-state
Rev. 03-25 March 2010
MB2841 PHILIPS-MB2841 Datasheet
66Kb / 10P
   Dual 10-bit bus interface latch 3-State
August 24, 1993
74ABT16841A PHILIPS-74ABT16841A Datasheet
82Kb / 10P
   20-bit bus interface latch 3-State
1998 Feb 27
logo
Texas Instruments
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841APWR TI-SN74LVC841APWR Datasheet
633Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS29841 TI-SN74ALS29841 Datasheet
88Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI1-SN74LVC841A_16 Datasheet
843Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16841 PHILIPS-74ALVCH16841 Datasheet
77Kb / 10P
   20-bit bus interface D-type latch 3-State
1998 Jul 27
74ALVCH16843 PHILIPS-74ALVCH16843 Datasheet
84Kb / 12P
   18-bit bus-interface D-type latch 3-State
1998 Aug 04
74ALVCH16843 PHILIPS-74ALVCH16843_15 Datasheet
88Kb / 12P
   18-bit bus-interface D-type latch (3-State)
1998 Aug 04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com