Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H432DA Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # H432DA
Description  ADJUSTABLE SHUNT REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H432DA Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  H432DA Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H432DA Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H432DA Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H432DA Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H432DA Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H432DA Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200404
Issued Date : 2004.03.01
Revised Date : 2008.08.27
Page No. : 3/6
H432 Series
HSMC Product Specification
Characteristics Curve
Cathode Current & Cathode Voltage
-25
-20
-15
-10
-5
0
5
10
15
20
-1
-0.5
00.511
Cathode Voltage (V)
Change in Reference Input Voltage
& Cathode Voltage
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
010
20
30
Cathode Voltage (V)
40
.5
VK=VREF, Ta=25
oC
Test Circuit (Fig1)
Reference Input Voltage & Temperature
1.234
1.236
1.238
1.24
1.242
1.244
1.246
1.248
-20
0
20
40
60
80
100
120
Temperature (
oC)
VK=VREF, IK=10mA
Test Circuit (Fig1)
Cathode Current & Cathode Voltage
-400
-300
-200
-100
0
100
200
300
-1
-0.5
0
0.5
1
1.5
Cathode Voltage (V)
VK=VREF, Ta=25
oC
Test Circuit (Fig1)
Small Signal Voltage Amplification &
Frequency
-10
0
10
20
30
40
50
60
100
1000
10000
100000
1000000
10000000
Frequency (Hz)
4.3K
6.8K
Vout
Ik
10uF
+
180
GND
5V


Similar Part No. - H432DA

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
More results

Similar Description - H432DA

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com