Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H78L09BA Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # H78L09BA
Description  3-TERMINAL POSITIVE VOLTAGE REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H78L09BA Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  H78L09BA Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H78L09BA Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H78L09BA Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H78L09BA Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H78L09BA Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H78L09BA Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H78L09BA Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H78L09BA Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics H78L09BA Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200403
Issued Date : 2004.03.01
Revised Date : 2004.08.31
Page No. : 1/10
H78LXXAM / BM, H78LXXAA / BA
HSMC Product Specification
H78LXXAM / BM
H78LXXAA / BA
3-TERMINAL POSITIVE VOLTAGE REGULATORS
Description
These regulators employ internal current-limiting and thermal-shutdown,
making them essentially indestructible. They can deliver up to 100mA
output current.
Features
• Maximum Output Current of 100mA (Tc=25°C)
• Internal Short-Circuit Current Limiting
• Internal Thermal Overload Protection
• TO-92 & SOT-89 Package
Absolute Maximum Ratings
(Ta=25
°C, Unles Otherwise Specified)
Characteristic
Symbol
Rating
Unit
Input Voltage
V
IN
40
V
TO-92
700
mW
Power Dissipation
P
D
SOT-89
500
mW
Operating Temperature
T
opr
-30 to 85
oC
Storage Temperature
T
stg
-55 to 150
oC
Junction Temperature
T
j
150
oC
Thermal Resistance
R
th(j-a)
208
oC/W
Schematic Diagram & Equivalent Circuit
H78LXX Series Pin Assignment
Typical Application
Schematic Diagram
Equivalent Circuit
VOUT
VIN
3-Lead Plastic TO-92
Package Code: A
Pin 1: VOUT
Pin 2: GND
Pin 3: VIN
1 2
3
3-Lead Plastic SOT-89
Package Code: M
Pin 1: VOUT
Pin 2: GND
Pin 3: VIN
1
2
3
Note 1: C
IN is required if regulator is
located an appreciable distance from
power supply filter.
Note 2: C
OUT is not needed for stability;
however, it does improve transient
response. Values of less than 0.1uF could
cause instability.
1
3
2
H78LXX
Series
VOUT
VIN
CIN
0.33uF
(Note 1)
COUT
0.1uF
(Note 2)
3
1
2
Starting
Circuit
Reference
Voltage
Current
Generator
Error
Amplifier
SOA
Protection
Thermal
Protection
Series
Pass
Element
Output
GND
Input


Similar Part No. - H78L09BA

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
H78L09 HUASHAN-H78L09 Datasheet
139Kb / 2P
   3-TERMINAL FIXED VOLTAGE REGULATOR
More results

Similar Description - H78L09BA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com