Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7808BE Datasheet(PDF) 4 Page - Hi-Sincerity Mocroelectronics

Part # H7808BE
Description  3-TERMINAL POSITIVE VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H7808BE Datasheet(HTML) 4 Page - Hi-Sincerity Mocroelectronics

  H7808BE Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H7808BE Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H7808BE Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H7808BE Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H7808BE Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H7808BE Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics H7808BE Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics H7808BE Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics H7808BE Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : IC200405
Issued Date : 2004.04.01
Revised Date : 2006.01.19
Page No. : 4/12
H78XXAJ / BJ, H78XXAI / BI, H78XXANE / BNE, H78XXAE / BE
HSMC Product Specification
H7808 Series Electrical Characteristics
V
IN=14V, IOUT=500mA, CIN=0.33uF, COUT=0.1uF, 0°C≤TJ≤125°C (unless otherwise specified)
H7808AJ/AI/ANE/AE
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
J=25°C, IOUT=500mA
7.76
8
8.24
5mA
≤I
OUT≤1A
V
O
Output Voltage
10V
≤V
IN≤25V, POUT≤15W
7.76
8
8.24
V
T
J=25°C, 10.5V≤VIN≤25V
-3
80
∆V
O
Line Regulation
T
J=25°C, 11V≤VIN≤17V
-1
40
mV
T
J=25°C, 5mA≤IOUT≤1A
-
15
100
∆V
O
Load Regulation
T
J=25°C, 250mA≤IOUT≤750mA
-5
50
mV
I
B
Quiescent Current
I
OUT=5mA, Tj=25°C
-3.9
8
mA
I
OUT=500mA, 10.5V≤VIN≤25V, TJ=25
oC
--
1.3
∆I
B
Quiescent Current
Change
5mA
≤I
OUT≤1A, VIN=14V, TJ=25
oC
--
0.5
mA
eN
Output Noise Voltage
B=10Hz~100KHz, I
OUT=50mA, TJ=25°C
-
-
70
uV/V
O
RR
Ripple Rejection
14V
≤V
IN≤21.5V, f=120Hz, IOUT=50mA,
T
J=25
oC
53
69
-
dB
V
D
Dropout Voltage
T
J=25°C, IOUT=1A
-2
2.5
V
R
O
Output Resistance
f=1KHz
-
17
-
m
I
SC
Short Circuit Current
T
J=25°C
-2.3
2.8
A
∆V
O/∆T
Output Voltage Drift
0oC
≤T
J≤125
oC
--
1
mV/
°C
H7808BJ/BI/BNE/BE
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
J=25°C, IOUT=500mA
7.6
8
8.4
5mA
≤I
OUT≤1A
V
O
Output Voltage
10V
≤V
IN≤25V, POUT≤15W
7.6
8
8.4
V
T
J=25°C, 10.5V≤VIN≤25V
-
3
160
∆V
O
Line Regulation
T
J=25°C, 11V≤VIN≤17V
-1
80
mV
T
J=25°C, 5mA≤IOUT≤1A
-
15
160
∆V
O
Load Regulation
T
J=25°C, 250mA≤IOUT≤750mA
-5
80
mV
I
B
Quiescent Current
I
OUT=5mA, TJ=25°C
-3.9
8
mA
I
OUT=500mA, 10.5V≤VIN≤25V, TJ=25
oC
--
1.3
∆I
B
Quiescent Current
Change
5mA
≤I
OUT≤1A, VIN=14V, TJ=25
oC
--
0.5
mA
eN
Output Noise Voltage
B=10Hz~100KHz, I
OUT=50mA, TJ=25°C
-
-
70
uV/V
O
RR
Ripple Rejection
14V
≤V
IN≤21.5V, f=120Hz, IOUT=50mA,
T
J=25
oC
53
69
-
dB
V
D
Dropout Voltage
T
J=25°C, IOUT=1A
-2
2.5
V
R
O
Output Resistance
f=1KHz
-
17
-
m
I
SC
Short Circuit Current
T
J=25°C
-2.3
2.8
A
∆V
O/∆T
Output Voltage Drift
0oC
≤T
J≤125
oC
--
1
mV/
°C


Similar Part No. - H7808BE

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7808BE HSMC-H7808BE Datasheet
36Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - H7808BE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com