Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC276LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC276LP4
Description  GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC276LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC276LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC276LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC276LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC276LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC276LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC276LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC276LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC276LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
8
8 - 139
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC276LP4 / HMC276LP4E
GaAs MMIC 4x2 SWITCH
MATRIX, 0.2 - 3.0 GHz
v00.0505
Return Loss
Typical Insertion Loss vs. Temperature
Insertion Loss on OP1
Insertion Loss on OP2
OP1 Isolation 950 - 1450 MHz
OP2 Isolation 950 - 1450 MHz
Input to
Output State
Interfering
Signal
State
Min.
(dB)
Typ.
(dB)
HL to OP1
VL to OP1
All Other States
9
All Other States
38
40
41
>43
VL to OP1
All States
All States
43
>46
VH to OP1
All States
All States
43
>46
HH to OP1
HL to OP1
All Other States
15
All Other States
38
41
41
>44
Input to
Output State
Interfering
Signal
State
Min.
(dB)
Typ.
(dB)
HL to OP2
All States
All States
42
>45
VH to OP2
VL to OP2
All Other States
2
All Other States
38
41
41
>44
VL to OP2
HL to OP2
All Other States
9
All Other States
38
40
41
>43
HH to OP2
All States
All States
45
>48
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
VL to OP1 (state 1)
VL to OP1 (state 2)
VH to OP1 (state 5)
VH to OP1 (state 6)
HL to OP1 (state 11)
HL to OP1 (state 12)
HH to OP1 (state 15)
HH to OP1 (state 16)
FREQUENCY (GHz)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
VL to OP2 (state 1)
VL to OP2 (state 5)
VH to OP2 (state 2)
VH to OP2 (state 6)
HL to OP2 (state 11)
HL to OP2 (state 15)
HH to OP2 (state 12)
HH to OP2 (state 16)
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
Input RL, Input Selected
Input RL, Input Deselected
Output RL
FREQUENCY (GHz)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.2
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
+25 C
+85 C
-40 C
FREQUENCY (GHz)


Similar Part No. - HMC276LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC276LP4 HITTITE-HMC276LP4 Datasheet
342Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276LP4 HITTITE-HMC276LP4 Datasheet
342Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276LP4E HITTITE-HMC276LP4E Datasheet
342Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276LP4E HITTITE-HMC276LP4E Datasheet
342Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276LP4 HITTITE-HMC276LP4_09 Datasheet
342Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
More results

Similar Description - HMC276LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC276LP4 HITTITE-HMC276LP4_09 Datasheet
342Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24 Datasheet
420Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24_06 Datasheet
501Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC276QS24 HITTITE-HMC276QS24_09 Datasheet
357Kb / 8P
   GaAs MMIC 4x2 SWITCH MATRIX, 0.7 - 3.0 GHz
HMC596LP4 HITTITE-HMC596LP4 Datasheet
452Kb / 8P
   SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
logo
Hexawave, Inc
HWS428 HW-HWS428 Datasheet
103Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
logo
Hittite Microwave Corpo...
HMC596LP4 HITTITE-HMC596LP4_09 Datasheet
329Kb / 8P
   SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
logo
Analog Devices
HMC596LP4 AD-HMC596LP4 Datasheet
490Kb / 8P
   SMT CMOS 4x2 SWITCH MATRIX, 0.2 - 3.0 GHz
logo
Hexawave, Inc
HWS428_V5 HW-HWS428_V5_15 Datasheet
106Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
HWS412 HW-HWS412 Datasheet
106Kb / 4P
   GaAs 0.9-3.0 GHz 4x2 Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com