Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC452ST89 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC452ST89
Description  InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC452ST89 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC452ST89 Datasheet HTML 1Page - Hittite Microwave Corporation HMC452ST89 Datasheet HTML 2Page - Hittite Microwave Corporation HMC452ST89 Datasheet HTML 3Page - Hittite Microwave Corporation HMC452ST89 Datasheet HTML 4Page - Hittite Microwave Corporation HMC452ST89 Datasheet HTML 5Page - Hittite Microwave Corporation HMC452ST89 Datasheet HTML 6Page - Hittite Microwave Corporation HMC452ST89 Datasheet HTML 7Page - Hittite Microwave Corporation HMC452ST89 Datasheet HTML 8Page - Hittite Microwave Corporation HMC452ST89 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
5
5 - 276
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output IP3 vs. Temperature @ 400 MHz
Noise Figure
vs. Temperature @ 400 MHz
Gain, Power & IP3
vs. Supply Voltage @ 400 MHz
Reverse Isolation
vs. Temperature @ 400 MHz
ACPR vs. Supply Voltage @ 400 MHz
W-CDMA, 64 DPCH
Power Compression @ 400 MHz
10
15
20
25
30
35
40
45
50
4.5
4.75
5
5.25
5.5
Gain
P1dB
Psat
OIP3
Vs (Vdc)
-30
-25
-20
-15
-10
-5
0
0.35
0.37
0.39
0.41
0.43
0.45
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
0.35
0.37
0.39
0.41
0.43
0.45
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
40
45
50
55
02468
10
12
14
16
Pout
Gain
PAE
INPUT POWER (dBm)
30
32
34
36
38
40
42
44
46
48
50
0.35
0.37
0.39
0.41
0.43
0.45
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
8
10
12
1416
18
202224
26
28
Channel Power (dBm)
W-CDMA
Frequency: 400 MHz
Integration BW: 3.84 MHz
64 DPCH
5V
4.5V
5.5V
Source ACPR
HMC452ST89 / 452ST89E
InGaP HBT 1 WATT POWER
AMPLIFIER, 0.4 - 2.2 GHz
v01.0205


Similar Part No. - HMC452ST89

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC452ST89 HITTITE-HMC452ST89 Datasheet
743Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
logo
Analog Devices
HMC452ST89 AD-HMC452ST89 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC452ST89E HITTITE-HMC452ST89E Datasheet
743Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452ST89 HITTITE-HMC452ST89_10 Datasheet
743Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
More results

Similar Description - HMC452ST89

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC452QS16G HITTITE-HMC452QS16G_06 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452ST89 HITTITE-HMC452ST89_10 Datasheet
743Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G_09 Datasheet
742Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453QS16G HITTITE-HMC453QS16G_09 Datasheet
705Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453ST89 HITTITE-HMC453ST89_10 Datasheet
752Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453ST89 HITTITE-HMC453ST89 Datasheet
1Mb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453QS16G HITTITE-HMC453QS16G_06 Datasheet
1,023Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC457QS16G HITTITE-HMC457QS16G_09 Datasheet
365Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G Datasheet
372Kb / 12P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.45 - 2.2 GHz
HMC457QS16G HITTITE-HMC457QS16G Datasheet
355Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com