Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC483MS8GE Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC483MS8GE
Description  HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.4 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC483MS8GE Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC483MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation HMC483MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation HMC483MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation HMC483MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation HMC483MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation HMC483MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation HMC483MS8GE Datasheet HTML 7Page - Hittite Microwave Corporation HMC483MS8GE Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7
7 - 335
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Gain vs. Temperature
Isolation
Conversion Gain vs. LO Drive
Return Loss
IF Bandwidth
Upconverter Performance
Conversion Gain
*Unless otherwise noted, all measurements performed as a downconverter, with low side LO & IF = 70 MHz.
-20
-15
-10
-5
0
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
+ 25C
+ 85C
- 40C
RF FREQUENCY (GHz)
HMC483MS8G / 483MS8GE
HIGH IP3 GaAs MMIC MIXER with
INTEGRATED LO AMPLIFIER, 0.7 - 1.4 GHz
v00.0805
-20
-15
-10
-5
0
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
LO = -6 dBm
LO = -4 dBm
LO = -2 dBm
LO = 0 dBm
LO = +2 dBm
LO = +4 dBm
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
LO
RF
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
40
80
120
160
200
240
280
320
360
400
CONVERSION GAIN
RETURN LOSS
IF FREQUENCY (MHz)
-20
-15
-10
-5
0
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
LO = -6 dBm
LO = -4 dBm
LO = -2 dBm
LO = 0 dBm
LO = +2 dBm
LO = +4 dBm
RF FREQUENCY (GHz)
-40
-30
-20
-10
0
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
RF TO IF
LO TO RF
LO TO IF
FREQUENCY (GHz)


Similar Part No. - HMC483MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC483MS8GE HITTITE-HMC483MS8GE Datasheet
239Kb / 6P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.5 GHz
More results

Similar Description - HMC483MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC483MS8G HITTITE-HMC483MS8G_10 Datasheet
239Kb / 6P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.5 GHz
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483_15 Datasheet
322Kb / 8P
   0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
logo
Hittite Microwave Corpo...
HMC485MS8G HITTITE-HMC485MS8G_08 Datasheet
264Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.4 GHz
HMC485MS8G HITTITE-HMC485MS8G Datasheet
260Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC665LP4 HITTITE-HMC665LP4 Datasheet
664Kb / 10P
   GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 0.7 - 1.2 GHz
HMC585MS8G HITTITE-HMC585MS8G Datasheet
297Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 400 - 650 MHz
HMC585MS8G HITTITE-HMC585MS8G_08 Datasheet
232Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 400 - 650 MHz
HMC351S8 HITTITE-HMC351S8_06 Datasheet
244Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
HMC351S8 HITTITE-HMC351S8 Datasheet
182Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 0.7 - 1.2 GHz
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483 Datasheet
486Kb / 8P
   0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com