Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT853PWDH Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ABT853PWDH
Description  8-bit transceiver with 9-bit parity checker/ generator and flag latch 3-State
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT853PWDH Datasheet(HTML) 5 Page - NXP Semiconductors

  74ABT853PWDH Datasheet HTML 1Page - NXP Semiconductors 74ABT853PWDH Datasheet HTML 2Page - NXP Semiconductors 74ABT853PWDH Datasheet HTML 3Page - NXP Semiconductors 74ABT853PWDH Datasheet HTML 4Page - NXP Semiconductors 74ABT853PWDH Datasheet HTML 5Page - NXP Semiconductors 74ABT853PWDH Datasheet HTML 6Page - NXP Semiconductors 74ABT853PWDH Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
74ABT853
8-bit transceiver with 9-bit parity checker/
generator and flag latch (3-State)
1995 Sep 06
5
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORMS
Tamb = +25oC
VCC = +5.0V
Tamb = –40 to +85oC
VCC = +5.0V ±10%
UNIT
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
4
1.2
1.0
3.4
2.6
4.8
4.0
1.2
1.0
5.3
4.5
ns
tPLH
tPHL
Propagation delay
An to PARITY
1, 4
2.1
2.5
7.4
7.4
9.5
9.7
2.1
2.5
11.2
11.0
ns
tPLH
tPHL
Propagation delay
OEA to PARITY
1, 4
1.8
2.3
6.6
6.7
8.5
8.6
1.8
2.3
10.5
10.0
ns
tPLH
Propagation delay
CLEAR to ERROR
3
1.0
3.6
5.5
1.0
6.2
ns
tPLH
tPHL
Propagation delay
ENABLE to ERROR
4
1.8
1.8
3.8
4.5
5.1
5.8
1.8
1.8
6.0
6.6
ns
tPLH
tPHL
Propagation delay
Bn or PARITY to ERROR
1, 4
2.0
3.0
7.9
9.0
10.1
11.5
2.0
3.0
11.7
12.8
ns
tPZH
tPZL
Output enable time
OEA to An or OEB to Bn, PARITY
2, 5
1.0
2.1
3.2
4.1
5.1
5.8
1.0
2.1
6.2
6.7
ns
tPHZ
tPLZ
Output disable time
OEA to An or OEB to Bn, PARITY
2, 5
3.1
3.2
5.1
5.6
7.3
7.2
3.1
3.2
7.9
8.1
ns
AC SETUP REQUIREMENTS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORMS
Tamb = +25oC
VCC = +5.0V
Tamb = –40 to +85oC
VCC = +5.0V ±10%
UNIT
MIN
TYP
MIN
ts(H)
ts(L)
Setup time, High or Low
Bn or PARITY to ENABLE
6
8.5
8.5
6.5
3.6
8.5
8.5
ns
th(H)
th(L)
Hold time, High or Low
Bn or PARITY to ENABLE
6
0.0
0.0
–3.4
–6.3
0.0
0.0
ns
ts(H)
Setup time, High
CLEAR to ENABLE
6
2.0
–1.6
2.0
ns
th(L)
Hold time, Low
CLEAR to ENABLE
6
3.0
1.8
3.0
ns
tw(L)
Pulse width, Low
CLEAR
3
3.5
1.0
3.5
ns
tw(L)
Pulse width, Low
ENABLE
6
4.0
2.5
4.0
ns


Similar Part No. - 74ABT853PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
   10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT821D PHILIPS-74ABT821D Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT821D NXP-74ABT821D Datasheet
100Kb / 16P
   10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT821DB PHILIPS-74ABT821DB Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
More results

Similar Description - 74ABT853PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT899 PHILIPS-74ABT899 Datasheet
123Kb / 16P
   9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74F657 FAIRCHILD-74F657 Datasheet
61Kb / 7P
   Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com