Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC519 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC519
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC519 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC519 Datasheet HTML 1Page - Hittite Microwave Corporation HMC519 Datasheet HTML 2Page - Hittite Microwave Corporation HMC519 Datasheet HTML 3Page - Hittite Microwave Corporation HMC519 Datasheet HTML 4Page - Hittite Microwave Corporation HMC519 Datasheet HTML 5Page - Hittite Microwave Corporation HMC519 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
1 - 174
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC519
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 18 - 32 GHz
v00.0904
General Description
Features
Functional Diagram
The HMC519 chip is a high dynamic range GaAs
PHEMT MMIC Low Noise Amplifier (LNA) which
covers the 18 to 32 GHz frequency range. The
HMC519 provides 15 dB of small signal gain, 2.8 dB
of noise figure and has an output IP3 greater than
23 dBm. The chip can easily be integrated into hy-
brid or MCM assemblies due to its small size. All data
is tested with the chip in a 50 Ohm test fixture con-
nected via 0.075 mm (3 mil) ribbon bonds of minimal
length 0.31 mm (12 mil). Two 0.025 mm (1 mil) diameter
bondwires may also be used to make the RFIN and
RFOUT connections.
Noise Figure: 2.8 dB
Gain: 15 dB
OIP3: 23 dBm
Single Supply: +3V @ 65 mA
50 Ohm Matched Input/Output
Electrical Specifications, T
A = +25° C, Vdd 1, 2, 3 = +3V
Typical Applications
The HMC519 is ideal for use as either a LNA or driver
amplifier for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment & Sensors
• Military & Space
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
18 - 28
28 - 32
GHz
Gain
12
15
11
14
dB
Gain Variation Over Temperature
0.015
0.025
0.015
0.025
dB/ °C
Noise Figure
2.8
3.5
3.5
4.5
dB
Input Return Loss
13
9
dB
Output Return Loss
12
12
dB
Output Power for 1 dB Compression (P1dB)
9
12
10
14
dBm
Saturated Output Power (Psat)
15
18
dBm
Output Third Order Intercept (IP3)
23
26
dBm
Supply Current (Idd)(Vdd = +3V)
65
65
mA


Similar Part No. - HMC519

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC519 HITTITE-HMC519 Datasheet
262Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
logo
Micross Components
HMC519 MICROSS-HMC519 Datasheet
908Kb / 9P
   Point-to-Point Radios
logo
Analog Devices
HMC519 AD-HMC519 Datasheet
356Kb / 6P
   Point-to-Point Radios
logo
Hittite Microwave Corpo...
HMC519LC4 HITTITE-HMC519LC4 Datasheet
233Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 31 GHz
logo
Analog Devices
HMC519LC4 AD-HMC519LC4 Datasheet
351Kb / 6P
   Point-to-Point Radios
More results

Similar Description - HMC519

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC519 HITTITE-HMC519_09 Datasheet
262Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
HMC518 HITTITE-HMC518 Datasheet
321Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC518 HITTITE-HMC518_09 Datasheet
256Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 20 - 32 GHz
HMC519LC4 HITTITE-HMC519LC4 Datasheet
233Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 18 - 31 GHz
HMC903 HITTITE-HMC903 Datasheet
991Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 18 GHz
HMC281 HITTITE-HMC281 Datasheet
106Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER 18 - 32 GHz
logo
Analog Devices
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
   GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
Rev. 0
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
   GaAs pHEMT MMIC Low Noise Amplifier
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com