Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M67760LC Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M67760LC
Description  806-870MHz, 12.5V, 20W, FM MOBILE RADIO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M67760LC Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M67760LC Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M67760LC Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M67760LC Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M67760LC Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
896-941MHz, 12.5V, 20W, FM MOBILE RADIO
M67760HC
MITSUBISHI RF POWER MODULE
Nov. ´97
OUTLINE DRAWING
PIN:
Pin
: RF INPUT
VBB : BASE BIAS SUPPLY
VCC1: 1st. DC SUPPLY
VCC2: 2nd. DC SUPPLY
PO
: RF OUTPUT
GND: FIN
2
66±1
60±1
52±1
6±0.2
R1.5
R2±0.2
0.5
±0.15
4±0.2
16.5±1
10.5±1
10.5±1
12±1
54±2
H3
Dimensions in mm
BLOCK DIAGRAM
1
2
3
4
5
6
5
6
4.5±1
1
2
3
4
5
6
4
2
3
1
Symbol
Parameter
Test conditions
Limits
Min
Max
Unit
f
PO
ηT
2fO
ρin
-
-
Frequency range
Output power
Total efficiency
2nd. harmonic
Input VSWR
Load VSWR tolerance
Stability
VBB=9V, VCC1=VCC2=12.5V,
Pin=0.4W, ZG=ZL=50
VBB=9V, VCC1=12.5V, VCC2=15.5V,
PO=20W (Pin:controlled), ZG=50
Ω,
Load VSWR=20:1
VBB=9V, f=896-902, 935-941MHz, VCC1=10
to 12.5V, VCC2=10 to 15.5V (VCC1
≤VCC2),
PO=0 to 20W (Pin:controlled less than 0.4W),
ZG=50
Ω, Load VSWR≤3:1 (All phase)
VBB=9V, VCC1=VCC2=12.5V,
ZG=ZL=50
PO=20W (Pin:controlled)
896
941
20
25
-30
3
No degradation or
destroy
No oscillation more
than -60dBc
MHz
W
%
dBc
-
-
-
Note. Above parameters, ratings, limits and test conditions are subject to change.
ELECTRICAL CHARACTERISTICS (Tc=25
°C unless otherwise noted)
Symbol
Parameter
Conditions
Ratings
Unit
ABSOLUTE MAXIMUM RATINGS (Tc=25
°C unless otherwise noted)
Note. Above parameters are guaranteed independently.
V
9.5
VBB
Base bias
V
14
VCC1
Supply voltage
V
16.5
VCC2
Supply voltage
A
8.5
ICC
Total current
W
0.8
Pin (max)
Input power
W
25
PO (max)
Output power
°C
-30 to +110
TC (OP)
Operation case temperature
°C
-40 to +110
Tstg
Strage temperature
VBB=9V
ZG=ZL=50
Ω, VBB=9V
ZG=ZL=50
Ω, VCC1≤12.5V
f=896-941MHz, ZG=ZL=50
ZG=ZL=50
ZG=ZL=50


Similar Part No. - M67760LC

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M67760HC MITSUBISHI-M67760HC Datasheet
31Kb / 2P
   896-941MHz, 12.5V, 20W, FM MOBILE RADIO
More results

Similar Description - M67760LC

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA20H8087M MITSUBISHI-RA20H8087M_10 Datasheet
110Kb / 10P
   806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_06 Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_11 Datasheet
191Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M Datasheet
77Kb / 10P
   806-825/ 851-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
M67760HC MITSUBISHI-M67760HC Datasheet
31Kb / 2P
   896-941MHz, 12.5V, 20W, FM MOBILE RADIO
M68706H MITSUBISHI-M68706H Datasheet
28Kb / 2P
   300-308MHz, 12.5V, 20W, FM MOBILE RADIO
M67706 MITSUBISHI-M67706 Datasheet
91Kb / 2P
   806-870MHz,7.5V,4W,FM PORTABLE RADIO
M67776L MITSUBISHI-M67776L Datasheet
92Kb / 2P
   806-870MHz, 7.2V, 5.0W, FM PORTABLE RADIO?
M67766C MITSUBISHI-M67766C Datasheet
33Kb / 2P
   806-825MHz, 12.5V, 16W, DIGITAL MOBILE RADIO
M68703MA MITSUBISHI-M68703MA Datasheet
14Kb / 1P
   430-450MHz, 12.5V, 50W, FM MOBILE RADIO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com