Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT899DB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ABT899DB
Description  9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT899DB Datasheet(HTML) 5 Page - NXP Semiconductors

  74ABT899DB Datasheet HTML 1Page - NXP Semiconductors 74ABT899DB Datasheet HTML 2Page - NXP Semiconductors 74ABT899DB Datasheet HTML 3Page - NXP Semiconductors 74ABT899DB Datasheet HTML 4Page - NXP Semiconductors 74ABT899DB Datasheet HTML 5Page - NXP Semiconductors 74ABT899DB Datasheet HTML 6Page - NXP Semiconductors 74ABT899DB Datasheet HTML 7Page - NXP Semiconductors 74ABT899DB Datasheet HTML 8Page - NXP Semiconductors 74ABT899DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
Product specification
74ABT899
9-bit dual latch transceiver with 8-bit parity
generator/checker (3-State)
1998 Jan 16
5
PARITY AND ERROR FUNCTION TABLE
INPUTS
OUTPUTS
SEL
ODD/EVEN
xPAR
(A or B)
Σ of High
Inputs
xPAR
(B or A)
ERRt
ERRr*
PARITY MODES
H
H
H
Even
Odd
H
H
H
L
H
L
Odd
H
H
L
Even
Odd
L
L
L
H
L
H
Mode
Feed-through/check parity
H
L
H
Even
Odd
H
H
L
H
L
H
Even
H
L
L
Even
Odd
L
L
H
L
H
L
Mode
L
H
H
Even
Odd
H
L
H
L
H
H
Odd
L
H
L
Even
Odd
H
L
L
H
H
H
Mode
Generate parity
L
L
H
Even
Odd
L
H
L
H
H
H
Even
L
L
L
Even
Odd
L
H
H
L
H
H
Mode
H = High voltage level
L
= Low voltage level
t
= Transmit–if the data path is from A
→B then ERRt is ERRA
r
= Receive–if the data path is from A
→B then ERRr is ERRB
*
Blocked if latch is not transparent
ABSOLUTE MAXIMUM RATINGS1, 2
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +7.0
V
IIK
DC input diode current
VI < 0
–18
mA
VI
DC input voltage3
–1.2 to +7.0
V
IOK
DC output diode current
VO < 0
–50
mA
VOUT
DC output voltage3
output in Off or High state
–0.5 to +5.5
V
IOUT
DC output current
output in Low state
128
mA
Tstg
Storage temperature range
–65 to 150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 1505C.
3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.


Similar Part No. - 74ABT899DB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ABT899CMSA FAIRCHILD-74ABT899CMSA Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ABT899CQC FAIRCHILD-74ABT899CQC Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ABT899CSC FAIRCHILD-74ABT899CSC Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
More results

Similar Description - 74ABT899DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT853 PHILIPS-74ABT853 Datasheet
82Kb / 7P
   8-bit transceiver with 9-bit parity checker/ generator and flag latch 3-State
1995 Sep 06
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com