Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMA-C190 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HSMA-C190
Description  High Performance ChipLED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HSMA-C190 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HSMA-C190 Datasheet HTML 2Page - List of Unclassifed Manufacturers HSMA-C190 Datasheet HTML 3Page - List of Unclassifed Manufacturers HSMA-C190 Datasheet HTML 4Page - List of Unclassifed Manufacturers HSMA-C190 Datasheet HTML 5Page - List of Unclassifed Manufacturers HSMA-C190 Datasheet HTML 6Page - List of Unclassifed Manufacturers HSMA-C190 Datasheet HTML 7Page - List of Unclassifed Manufacturers HSMA-C190 Datasheet HTML 8Page - List of Unclassifed Manufacturers HSMA-C190 Datasheet HTML 9Page - List of Unclassifed Manufacturers HSMA-C190 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Figure 3. Luminous intensity vs. forward
current.
Figure 2. Forward current vs. forward voltage.
Figure 4. Maximum forward current vs.
ambient temperature.
Figure 1. Relative intensity vs. wavelength.
100
10
1
0.1
1.5
1.7
1.9
2.1
2.5
VF – FORWARD VOLTAGE – V
TS AlInGaP
2.3
AS AlInGaP
0
5
15
30
IF – FORWARD CURRENT – mA
0
0.4
1.0
1.4
20
0.6
0.2
0.8
10
25
1.2
WAVELENGTH – nm
TS AlInGaP
RED
AS AlInGaP
AMBER
1.0
0.5
0
500
550
600
650
700
750
AS AlInGaP
ORANGE
AS AlInGaP
RED
0
0
20
60
80
100
5
TA – AMBIENT TEMPERATURE – °C
40
15
30
10
20
25
HSMx-C110
HSMx-C150/170/
190/191


Similar Part No. - HSMA-C190

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-C190 AVAGO-HSMA-C190 Datasheet
420Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C190 BOARDCOM-HSMA-C190 Datasheet
191Kb / 9P
   High Performance ChipLED
More results

Similar Description - HSMA-C190

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-C110 AVAGO-HSMX-C110 Datasheet
420Kb / 11P
   High Performance ChipLED
HSMW-C170 AVAGO-HSMW-C170 Datasheet
369Kb / 8P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C170-T0000 BOARDCOM-HSMA-C170-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMX-C110 BOARDCOM-HSMX-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
HSMA-C191-T0000 BOARDCOM-HSMA-C191-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMC-C170-T0000 BOARDCOM-HSMC-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C170-T0000 BOARDCOM-HSML-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C191-T0000 BOARDCOM-HSML-C191-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4561 AVAGO-ASDL-4561 Datasheet
162Kb / 6P
   High Performance Infrared Emitter (870nm) ChipLED
ASDL-4560 AVAGO-ASDL-4560 Datasheet
158Kb / 6P
   High Performance Infrared Emitter (875nm) ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com