Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC526LC4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC526LC4
Description  GaAs MMIC I/Q MIXER 6 - 10 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC526LC4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC526LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC526LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC526LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC526LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC526LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC526LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7
7 - 390
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Isolations
Amplitude Balance vs. LO Drive
IF Bandwidth
Phase Balance vs. LO Drive
Quadrature Channel Data Taken Without IF Hybrid
Upconverter Performance Conversion
Gain vs. LO Drive
Upconverter Performance Sideband
Rejection vs. LO Drive
-20
-15
-10
-5
0
56789
10
11
LO = +15 dBm
LO = +17 dBm
LO = +19 dBm
LO = +21 dBm
RF FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
56789
10
11
LO = +15 dBm
LO = +17 dBm
LO = +19 dBm
LO = +21 dBm
RF FREQUENCY (GHz)
-8
-6
-4
-2
0
2
4
6
8
56789
10
11
LO = +15 dBm
LO = +17 dBm
LO = +19 dBm
LO = +21 dBm
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
3
3.5
CONVERSION GAIN
RETURN LOSS
IF FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
56789
10
11
LO/RF
RF/IF1
LO/IF1
RF/IF2
LO/IF2
RF FREQUENCY (GHz)
-15
-10
-5
0
5
10
15
56789
10
11
LO = +15 dBm
LO = +17 dBm
LO = +19 dBm
LO = +21 dBm
RF FREQUENCY (GHz)
HMC526LC4
GaAs MMIC I/Q MIXER
6 - 10 GHz
v00.0405


Similar Part No. - HMC526LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC526LC4 HITTITE-HMC526LC4 Datasheet
212Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526LC4 HITTITE-HMC526LC4_09 Datasheet
212Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
More results

Similar Description - HMC526LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526 HITTITE-HMC526 Datasheet
302Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520LC4 HITTITE-HMC520LC4_09 Datasheet
212Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520 HITTITE-HMC520 Datasheet
313Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526 HITTITE-HMC526_09 Datasheet
234Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC520 HITTITE-HMC520_10 Datasheet
240Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526LC4 HITTITE-HMC526LC4_09 Datasheet
212Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC-C041 HITTITE-HMC-C041 Datasheet
293Kb / 6P
   GaAs MMIC I/Q MIXER MODULE 6 - 10 GHz
HMC1042LC4 HITTITE-HMC1042LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
logo
Custom MMIC Design Serv...
CMD182C4 MMIC-CMD182C4 Datasheet
245Kb / 11P
   6-10 GHz I/Q Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com