Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC528LC4 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC528LC4
Description  GaAs MMIC I/Q MIXER 11 - 16 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC528LC4 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC528LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC528LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC528LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC528LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC528LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC528LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
7
7 - 405
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of VIA holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
List of Materials for Evaluation PCB 109998 [1]
Item
Description
J1 - J2
PCB Mount K RF Connector, SRI
J3 - J4
PCB Mount SMA Connector, Johnson
U1
HMC528LC4
PCB [2]
109996 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC528LC4
GaAs MMIC I/Q MIXER
11 - 16 GHz
v00.0505


Similar Part No. - HMC528LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC528LC4 HITTITE-HMC528LC4 Datasheet
207Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528LC4 HITTITE-HMC528LC4_09 Datasheet
207Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
More results

Similar Description - HMC528LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC522 HITTITE-HMC522 Datasheet
307Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC522 HITTITE-HMC522_09 Datasheet
235Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC522LC4 HITTITE-HMC522LC4 Datasheet
280Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528 HITTITE-HMC528 Datasheet
298Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC522LC4 HITTITE-HMC522LC4_09 Datasheet
207Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528LC4 HITTITE-HMC528LC4_09 Datasheet
207Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528 HITTITE-HMC528_09 Datasheet
236Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC-C043 HITTITE-HMC-C043 Datasheet
287Kb / 6P
   GaAs MMIC I/Q MIXER MODULE 11 - 16 GHz
HMC1042LC4 HITTITE-HMC1042LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
HMC709LC5 HITTITE-HMC709LC5_10 Datasheet
642Kb / 6P
   GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com