Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS640A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # IRFS640A
Description  Rugged Gate Oxide Technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFS640A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  IRFS640A Datasheet HTML 1Page - Fairchild Semiconductor IRFS640A Datasheet HTML 2Page - Fairchild Semiconductor IRFS640A Datasheet HTML 3Page - Fairchild Semiconductor IRFS640A Datasheet HTML 4Page - Fairchild Semiconductor IRFS640A Datasheet HTML 5Page - Fairchild Semiconductor IRFS640A Datasheet HTML 6Page - Fairchild Semiconductor IRFS640A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
N-CHANNEL
POWER MOSFET
Fig 1. Output Characteristics
Fig 2. Transfer Characteristics
Fig 6. Gate Charge vs. Gate-Source Voltage
Fig 5. Capacitance vs. Drain-Source Voltage
Fig 4. Source-Drain Diode Forward Voltage
Fig 3. On-Resistance vs. Drain Current
IRFS640A
10
-1
10
0
10
1
10
-1
10
0
10
1
@ Notes :
1. 250
µs Pulse Test
2. T
C
= 25
oC
VGS
Top :
15V
10 V
8.0V
7.0V
6.0V
5.5V
5.0V
Bottom : 4.5V
V
DS
, Drain-Source Voltage [V]
2
4
6
8
10
10
-1
10
0
10
1
25
oC
150
oC
- 55
oC
@ Notes :
1. V
GS
= 0 V
2. V
DS
= 40 V
3. 250
µs Pulse Test
V
GS
, Gate-Source Voltage [V]
0
20
40
60
80
0.0
0.1
0.2
0.3
0.4
@ Note : T
J
= 25
oC
V
GS
= 20 V
V
GS
= 10 V
I
D
, Drain Current [A]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10
-1
10
0
10
1
150
oC
25
oC
@ Notes :
1. V
GS
= 0 V
2. 250
µs Pulse Test
V
SD
, Source-Drain Voltage [V]
10
0
10
1
0
500
1000
1500
2000
C
iss= Cgs+ Cgd ( Cds= shorted )
C
oss
= C
ds
+ C
gd
C
rss= Cgd
@ Notes :
1. V
GS
= 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS
, Drain-Source Voltage [V]
0
10
20
30
40
50
0
5
10
V
DS = 160 V
V
DS = 100 V
V
DS = 40 V
@ Notes : I
D = 18.0 A
Q
G
, Total Gate Charge [nC]


Similar Part No. - IRFS640A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRFS640A SAMSUNG-IRFS640A Datasheet
304Kb / 6P
   Improved gate charge
logo
Inchange Semiconductor ...
IRFS640A ISC-IRFS640A Datasheet
59Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRFS640A

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCS70R600S SEMIHOW-HCS70R600S Datasheet
168Kb / 7P
   Robust Gate Oxide Technology
logo
Fairchild Semiconductor
SSP4N80AS FAIRCHILD-SSP4N80AS Datasheet
192Kb / 7P
   Avalanche Rugged Technology
IRFW530ATM FAIRCHILD-IRFW530ATM Datasheet
261Kb / 7P
   Avalanche Rugged Technology
SFR9024TF FAIRCHILD-SFR9024TF Datasheet
236Kb / 7P
   Avalanche Rugged Technology
IRLU110ATU FAIRCHILD-IRLU110ATU Datasheet
246Kb / 9P
   Avalanche Rugged Technology
IRFR120ATM FAIRCHILD-IRFR120ATM Datasheet
258Kb / 7P
   Avalanche Rugged Technology
SFR9224TF FAIRCHILD-SFR9224TF Datasheet
268Kb / 7P
   Avalanche Rugged Technology
logo
Kersemi Electronic Co.,...
IRFM120A KERSEMI-IRFM120A Datasheet
725Kb / 6P
   Avalanche Rugged Technology
logo
Fairchild Semiconductor
IRFU120ATU FAIRCHILD-IRFU120ATU Datasheet
258Kb / 7P
   Avalanche Rugged Technology
IRFM120ATF FAIRCHILD-IRFM120ATF Datasheet
274Kb / 7P
   Avalanche Rugged Technology
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com